Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP609 Datasheet(PDF) 1 Page - Analog Devices

Part # ADCMP609
Description  Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP609 Datasheet(HTML) 1 Page - Analog Devices

  ADCMP609 Datasheet HTML 1Page - Analog Devices ADCMP609 Datasheet HTML 2Page - Analog Devices ADCMP609 Datasheet HTML 3Page - Analog Devices ADCMP609 Datasheet HTML 4Page - Analog Devices ADCMP609 Datasheet HTML 5Page - Analog Devices ADCMP609 Datasheet HTML 6Page - Analog Devices ADCMP609 Datasheet HTML 7Page - Analog Devices ADCMP609 Datasheet HTML 8Page - Analog Devices ADCMP609 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V,
Single-Supply TTL/CMOS Comparator
ADCMP609
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Fully specified rail to rail at VCC = 2.5 V to 5.5 V
Input common-mode voltage from −0.2 V to VCC + 0.2 V
Low glitch CMOS-/TTL-compatible output stage
40 ns propagation delay
Low power 1 mW at 2.5 V
Shutdown pin
Programmable hysteresis
Power supply rejection > 60 dB
−40°C to +125°C operation
APPLICATIONS
High speed instrumentation
Clock and data signal restoration
Logic level shifting or translation
High speed line receivers
Threshold detection
Peak and zero-crossing detectors
High speed trigger circuitry
Pulse-width modulators
Current-/voltage-controlled oscillators
FUNCTIONAL BLOCK DIAGRAM
ADCMP609
NONINVERTING
INPUT
INVERTING
INPUT
Q OUTPUT
+
–
SDN
Figure 1.
GENERAL DESCRIPTION
The ADCMP609 is a fast comparator fabricated on XFCB2, an
Analog Devices, Inc. proprietary process. These comparators
are exceptionally versatile and easy to use. Features include an
input range from VEE − 0.2 V to VCC + 0.2 V, low noise, TTL-/
CMOS-compatible output drivers, and adjustable hysteresis
and/or shutdown inputs.
The device offers 40 ns propagation delay driving a 15 pF load
with 10 mV overdrive on 500 μA typical supply current.
A flexible power supply scheme allows the devices to operate
with a single +2.5 V positive supply and a −0.2 V to +3.0 V
input signal range up to a +5.5 V positive supply with a −0.2 V
to +5.7 V input signal range.
The TTL-/CMOS-compatible output stage is designed to drive
up to 15 pF with full rated timing specifications and to degrade
in a graceful and linear fashion as additional capacitance is added.
The comparator’s input stage offers robust protection against
large input overdrive, and the outputs do not phase reverse
when the valid input signal range is exceeded. A programmable
hysteresis features is also provided.
The ADCMP609, available in an 8-lead MSOP package, features
a shutdown pin and hysteresis control.


Similar Part No. - ADCMP609

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP609 AD-ADCMP609_15 Datasheet
265Kb / 12P
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V
REV. C
More results

Similar Description - ADCMP609

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP600 AD-ADCMP600 Datasheet
322Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparators
10/06-Revision 0
ADCMP603 AD-ADCMP603 Datasheet
309Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
10/06-Revision 0
ADCMP608 AD-ADCMP608 Datasheet
246Kb / 16P
Rail-to-Rail, Fast, Low Power, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparators
Feb-2006
ADCMP608 AD-ADCMP608_07 Datasheet
258Kb / 12P
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
4/07-Revision 0
AD8465 AD-AD8465 Datasheet
322Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparator
REV. 0
AD8469 AD-AD8469 Datasheet
265Kb / 12P
Fast, Rail-to-Rail, Low Power, 2.5 V to 5.5 V
REV. 0
AD8468 AD-AD8468 Datasheet
233Kb / 12P
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
ADCMP608BKSZ-REEL7 AD-ADCMP608BKSZ-REEL7 Datasheet
259Kb / 12P
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
AD8468WBKSZ AD-AD8468WBKSZ Datasheet
233Kb / 12P
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
AD8468 AD-AD8468_15 Datasheet
273Kb / 12P
Rail-to-Rail, Fast, Low Power Single-Supply TTL/CMOS Comparator
10/15-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com