Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7751 Datasheet(PDF) 1 Page - Analog Devices

Part # ADE7751
Description  Energy Metering IC with On-Chip Fault Detection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7751 Datasheet(HTML) 1 Page - Analog Devices

  ADE7751 Datasheet HTML 1Page - Analog Devices ADE7751 Datasheet HTML 2Page - Analog Devices ADE7751 Datasheet HTML 3Page - Analog Devices ADE7751 Datasheet HTML 4Page - Analog Devices ADE7751 Datasheet HTML 5Page - Analog Devices ADE7751 Datasheet HTML 6Page - Analog Devices ADE7751 Datasheet HTML 7Page - Analog Devices ADE7751 Datasheet HTML 8Page - Analog Devices ADE7751 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
ADE7751*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
Energy Metering IC
with On-Chip Fault Detection
FEATURES
High Accuracy, Surpasses 50 Hz/60 Hz IEC 687/1036
Less than 0.1% Error over a Dynamic Range of 500 to 1
Supplies Average Real Power on the Frequency
Outputs F1 and F2
High-Frequency Output CF Is Intended for Calibration
and Supplies Instantaneous Real Power
Continuous Monitoring of the Phase and Neutral
Current Allows Fault Detection in 2-Wire
Distribution Systems
ADE7751 Uses the Larger of the Two Currents (Phase
or Neutral) to Bill—Even During a Fault Condition
Two Logic Outputs (FAULT and REVP) Can Be Used to
Indicate a Potential Miswiring or Fault Condition
Direct Drive for Electromechanical Counters and
2-Phase Stepper Motors (F1 and F2)
A PGA in the Current Channel Allows the Use of Small
Values of Shunt and Burden Resistance
Proprietary ADCs and DSP Provide High Accuracy over
Large Variations in Environmental Conditions and Time
On-Chip Power Supply Monitoring
On-Chip Creep Protection (No Load Threshold)
On-Chip Reference 2.5 V
8% (30 ppm/ C Typical)
with External Overdrive Capability
Single 5 V Supply, Low Power (15 mW Typical)
Low-Cost CMOS Process
FUNCTIONAL BLOCK DIAGRAM
AC/
DC
AVDD
DVDD
HPF
AGND
DGND
PHASE
CORRECTION
4k
...110101...
SIGNAL
PROCESSING
BLOCK
PGA
1,
2,
8,
16
POWER
SUPPLY MONITOR
ADE7751
...11011001...
2.5V
REFERENCE
PGA
1,
2,
8,
16
ADC
...110101...
B>A
A>B
A<>B
ADC
ADC
FAULT
MULTIPLIER
LPF
DIGITAL-TO-FREQUENCY
CONVERTER
G0 G1
V1A
V1N
V2P
V2N
V1B
A
B
CLKOUT
CLKIN
REFIN/OUT
RESET
F1 F2
CF
REVP
SCF S0 S1
*US Patent 5,745,323; 5,760,617; 5,862,069; 5,872,469.
The only analog circuitry used in the ADE7751 is in the ADCs
and reference circuit. All other signal processing (e.g., multipli-
cation and filtering) is carried out in the digital domain. This
approach provides superior stability and accuracy over extremes
in environmental conditions and over time.
The ADE7751 incorporates a novel fault detection scheme that
warns of fault conditions and allows the ADE7751 to continue
accurate billing during a fault event. The ADE7751 does this
by continuously monitoring both the phase and neutral (return)
currents. A fault is indicated when these currents differ by more
than 12.5%. Billing is continued using the larger of the two currents.
The ADE7751 supplies average real power information on the
low-frequency outputs F1 and F2. These logic outputs may be
used to directly drive an electromechanical counter or interface
to an MCU. The CF logic output gives instantaneous real power
information. This output is intended to be used for calibration purposes.
The ADE7751 includes a power supply monitoring circuit on the
AVDD supply pin. The ADE7751 will remain in a reset condition
until the supply voltage on AVDD reaches 4 V. If the supply falls
below 4 V, the ADE7751 will also be reset and no pulses will be
issued on F1, F2, and CF.
Internal phase matching circuitry ensures that the voltage and
current channels are matched whether the HPF in Channel 1 is
on or off. The ADE7751 also has anticreep protection.
The ADE7751 is available in 24-lead DIP and SSOP packages.
GENERAL DESCRIPTION
The ADE7751 is a high-accuracy, fault-tolerant electrical energy
measurement IC that is intended for use with 2-wire distribution
systems. The part specifications surpass the accuracy require-
ments as quoted in the IEC1036 standard.


Similar Part No. - ADE7751

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7751 AD-ADE7751 Datasheet
422Kb / 16P
Energy Metering IC with On-Chip Fault Detection
REV.0
ADE7751AAN-REF AD-ADE7751AAN-REF Datasheet
422Kb / 16P
Energy Metering IC with On-Chip Fault Detection
REV.0
ADE7751AN AD-ADE7751AN Datasheet
422Kb / 16P
Energy Metering IC with On-Chip Fault Detection
REV.0
ADE7751ARS AD-ADE7751ARS Datasheet
422Kb / 16P
Energy Metering IC with On-Chip Fault Detection
REV.0
ADE7751ARSRL AD-ADE7751ARSRL Datasheet
422Kb / 16P
Energy Metering IC with On-Chip Fault Detection
REV.0
More results

Similar Description - ADE7751

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7751 AD-AD7751 Datasheet
249Kb / 16P
Energy Metering IC With On-Chip Fault Detection
REV.A
ADE7751 AD-ADE7751 Datasheet
422Kb / 16P
Energy Metering IC with On-Chip Fault Detection
REV.0
ADE7760 AD-ADE7760 Datasheet
514Kb / 24P
Energy Metering IC with On-Chip Fault Detection
ADE7761 AD-ADE7761 Datasheet
326Kb / 28P
Energy Metering IC with On-Chip Fault and Missing Neutral Detection
2/04-Changed from Rev. 0 to Rev. A.
ADE7761A AD-ADE7761A Datasheet
518Kb / 24P
Energy Metering IC with On-Chip Fault and Missing Neutral Detection
7/06-Revision 0
ADE7761B AD-ADE7761B Datasheet
533Kb / 24P
Energy Metering IC with On-Chip Fault and Missing Neutral Detection
REV. 0
AD7751 AD-AD7751_15 Datasheet
187Kb / 14P
Energy Metering IC with On-Chip Fault Detection
REV. 0
ADE7760 AD-ADE7760_15 Datasheet
530Kb / 24P
Energy Metering IC with On-Chip Fault Detection
REV. 0
ADE7761 AD-ADE7761_15 Datasheet
980Kb / 28P
Energy Metering IC with On-Chip Fault and Missing Neutral Detection
REV. A
ADE7761A AD-ADE7761A_15 Datasheet
518Kb / 24P
Energy Metering IC with On-Chip Fault and Missing Neutral Detection
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com