Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7751 Datasheet(PDF) 15 Page - Analog Devices

Part # ADE7751
Description  Energy Metering IC with On-Chip Fault Detection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7751 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADE7751 Datasheet HTML 8Page - Analog Devices ADE7751 Datasheet HTML 9Page - Analog Devices ADE7751 Datasheet HTML 10Page - Analog Devices ADE7751 Datasheet HTML 11Page - Analog Devices ADE7751 Datasheet HTML 12Page - Analog Devices ADE7751 Datasheet HTML 13Page - Analog Devices ADE7751 Datasheet HTML 14Page - Analog Devices ADE7751 Datasheet HTML 15Page - Analog Devices ADE7751 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
REV. 0
ADE7751
–15–
Table IV.
F1–4
CF Max for AC Signals
SCF
S1
S0
(Hz)
(Hz)
10
0
1.7
128
× F1, F2 = 43.52
00
0
1.7
64
× F1, F2 = 21.76
10
1
3.4
64
× F1, F2 = 43.52
00
1
3.4
32
× F1, F2 = 21.76
11
0
6.8
32
× F1, F2 = 43.52
01
0
6.8
16
× F1, F2 = 21.76
11
1
13.6
16
× F1, F2 = 43.52
01
1
13.6
8
× F1, F2 = 21.76
SELECTING A FREQUENCY FOR AN ENERGY METER
APPLICATION
As shown in Table II, the user can select one of four frequencies.
This frequency selection determines the maximum frequency
on F1 and F2. These outputs are intended to be used to drive
the energy register (electromechanical or other). Since only four
different output frequencies can be selected, the available
frequency selection has been optimized for a meter constant of
100 imp/kWhr with a maximum current of between 10 A and
120 A. Table V shows the output frequency for several maximum
currents (IMAX) with a line voltage of 220 V. In all cases, the
meter constant is 100 imp/kWhr.
Table V.
IMAX
F1 and F2 (Hz)
12.5 A
0.076
25 A
0.153
40 A
0.244
60 A
0.367
80 A
0.489
120 A
0.733
The F1–4 frequencies allow complete coverage of this range of
output frequencies on F1 and F2. When designing an energy
meter, the nominal design voltage on Channel 2 (voltage) should
be set to half scale to allow for calibration of the meter constant.
The current channel should also be no more than half scale when the
meter sees maximum load. This will allow overcurrent signals and
signals with high crest factors to be accommodated. Table VI
shows the output frequency on F1 and F2 when both analog
inputs are half scale. The frequencies listed in Table VI align very
well with those listed in Table V for maximum load.
Table VI.
Frequency on F1 and F2 –
CH1 and CH2
S1
S0
F1–4
Half-Scale AC Inputs
00
1.7
0.085 Hz
01
3.4
0.17 Hz
10
6.8
0.34 Hz
11
13.6
0.68 Hz
Example 1
If full-scale differential dc voltages of +660 mV and –660 mV are
applied to V1 and V2 respectively (660 mV is the maximum
differential voltage that can be connected to Channel 1 and
Channel 2), the expected output frequency is calculated as follows.
Gain
=
1, G0 = G1 = 0
F1–4
=
1.7 Hz, S0 = S1 = 0
V1
=
+660 mV dc = 0.66 V (rms of dc = dc)
V2
=
–660 mV dc = 0.66 V (rms of dc = |dc|)
VREF
=
2.5 V (nominal reference value)
Note: If the on-chip reference is used, actual output frequencies
may vary from device to device due to reference tolerance of
±8%.
Freq
Hz
Hz
=
××× ×
=
574
0 66
066 1 17
25
068
2
...
.
.
.
(8)
Example 2
In this example, if ac voltages of
±660 mV peak are applied to
V1 and V2, the expected output frequency is calculated as follows.
Gain
= 1, G0 = G1 = 0
F1–4
= 1.7 Hz, S0 = S1 = 0
V1
= rms of 660 mV peak ac = 0.66/
√2 V
V2
= rms of 660 mV peak ac = 0.66/
√2 V
VREF
= 2.5 V (nominal reference value)
Note: If the on-chip reference is used, actual output frequencies
may vary from device to device due to reference tolerance of
±8%.
Freq
Hz
Hz
=
××× ×
××
=
574
0 66
066
1
17
22
2 5
034
2
...
.
.
.
(9)
As shown in these two example calculations, the maximum
output frequency for ac inputs is always half of that for dc
input signals. Table III shows a complete listing of all maxi-
mum output frequencies.
Table III.
Max Frequency
Max Frequency
S1
S0
for DC Inputs (Hz)
for AC Inputs (Hz)
00
0.68
0.34
01
1.36
0.68
10
2.72
1.36
11
5.44
2.72
Frequency Output CF
The pulse output CF (calibration frequency) is intended for use
during calibration. The output pulse rate on CF can be up to 128
times the pulse rate on F1 and F2. The lower the F1–4 frequency
selected the higher the CF scaling. Table IV shows how the two
frequencies are related depending on the states of the logic inputs
S0, S1, and SCF. Because of its relatively high-pulse rate, the
frequency at this logic output is proportional to the instantaneous
real power. As is the case with F1 and F2, the frequency is derived
from the output of the low-pass filter after multiplication. However,
because the output frequency is high, this real power information
is accumulated over a much shorter time. Hence, less averaging
is carried out in the digital-to-frequency conversion. With much
less averaging of the real power signal, the CF output is much
more responsive to power fluctuations (see Figure 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com