Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4817-1ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4817-1ACPZ-R7
Description  Low Noise, 1 GHz FastFET Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4817-1ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4817-1ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4817-1ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4817-1ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4817-1ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4817-1ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4817-1ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4817-1ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4817-1ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4817-1ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADA4817-1/ADA4817-2
Data Sheet
Rev. B | Page 10 of 28
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
TIME (5ns/DIV)
DUAL
SINGLE
DUAL, CF = 0.5pF
SINGLE, NO CF
G = 2
Figure 20. Small Signal Transient Response
0.075
0.050
0.025
0
–0.025
–0.050
–0.075
TIME (5ns/DIV)
SINGLE, SOIC
RF = 0Ω
RL = 100Ω
VS = ±5V
G = +1
DUAL, LFCSP
SINGLE, LFCSP
Figure 21. Small Signal Transient Response vs. Package
6
–6
TIME (10ns/DIV)
4
2
0
–2
–4
2 × VIN
G = 2
VOUT
Figure 22. Output Overdrive Recovery
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
TIME (5ns/DIV)
DUAL
SINGLE
DUAL, CF = 0.5pF
SINGLE, NO CF
VS = 5V
G = 2
Figure 23. Small Signal Transient Response
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
TIME (5ns/DIV)
DUAL, LFCSP
RF = 0Ω
RL = 100Ω
VS = ±5V
G = +1
SINGLE,SOIC
SINGLE, LFCSP
Figure 24. Large Signal Transient Response
0.5
0.4
0.3
0.2
0.1
0
–0.3
–0.2
–0.1
–0.4
–0.5
TIME (5ns/DIV)
SETTLING TIME
Figure 25. 0.1% Short-Term Settling Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com