Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4817-1ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4817-1ACPZ-R7
Description  Low Noise, 1 GHz FastFET Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4817-1ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4817-1ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4817-1ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4817-1ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4817-1ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4817-1ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4817-1ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4817-1ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4817-1ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4817-1ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
ADA4817-1/ADA4817-2
Rev. B | Page 11 of 28
0
–100
100k
1G
FREQUENCY (Hz)
–10
–20
–30
–40
–50
–60
–70
–80
–90
1M
10M
100M
–PSRR
+PSRR
Figure 26. PSRR vs. Frequency
–20
–25
–30
–35
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
–95
–100
100k
1M
10M
100M
1G
FREQUENCY (Hz)
Figure 27. CMRR vs. Frequency
100
0.01
100k
1G
100M
10M
1M
FREQUENCY (Hz)
10
1
0.1
Figure 28. Output Impedance vs. Frequency
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
Figure 29. Offset Voltage vs. Temperature
1000
1
10
100M
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
10
100
Figure 30. Input Voltage Noise
24
22
20
18
16
14
12
10
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
VS = ±5V
VS = +5V
Figure 31. Quiescent Current vs. Temperature for Various Supply Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com