Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4817-2ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4817-2ACPZ-R7
Description  Low Noise, 1 GHz FastFET Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4817-2ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADA4817-2ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4817-2ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4817-2ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4817-2ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4817-2ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4817-2ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4817-2ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4817-2ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4817-2ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Low Noise, 1 GHz
FastFET Op Amps
Data Sheet
ADA4817-1/ADA4817-2
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2008–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
High speed
−3 dB bandwidth (G = 1, RL = 100 Ω): 1050 MHz
Slew rate: 870 V/µs
0.1% settling time: 9 ns
Low input bias current: 2 pA
Low input capacitance
Common-mode capacitance: 1.3 pF
Differential-mode capacitance: 0.1 pF
Low noise
4 nV/√Hz @ 100 kHz
2.5 fA/√Hz @ 100 kHz
Low distortion
−90 dBc @ 10 MHz (G = 1, RL = 1 kΩ)
Offset voltage: 2 mV maximum
High output current: 40 mA
Supply current per amplifier: 19 mA
Power-down supply current per amplifier: 1.5 mA
APPLICATIONS
Photodiode amplifiers
Data acquisition front ends
Instrumentation
Filters
ADC drivers
CCD output buffers
CONNECTION DIAGRAMS
NC = NO CONNECT
1
PD
2
FB
3
–IN
4
+IN
7 OUT
8 +VS
6 NC
5 –VS
ADA4817-1
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead LFCSP (CP-8-2)
FB
1
–IN
2
+IN
3
–VS 4
PD
8
+VS
7
OUT
6
NC
5
NC = NO CONNECT
ADA4817-1
TOP VIEW
(Not to Scale)
Figure 2. 8-Lead SOIC (RD-8-1)
1
–IN1
2
+IN1
3
NC
4
–VS2
11 NC
12 –VS1
10 +IN2
9
–IN2
ADA4817-2
TOP VIEW
(Not to Scale)
NC = NO CONNECT
Figure 3. 16-Lead LFCSP (CP-16-20)
GENERAL DESCRIPTION
The ADA4817-1 (single) and ADA4817-2 (dual) FastFET™
amplifiers are unity-gain stable, ultrahigh speed voltage
feedback amplifiers with FET inputs. These amplifiers were
developed with the Analog Devices, Inc., proprietary eXtra Fast
Complementary Bipolar (XFCB) process, which allows the
amplifiers to achieve ultralow noise (4 nV/√Hz; 2.5 fA/√Hz)
as well as very high input impedances.
With 1.3 pF of input capacitance, low noise (4 nV/√Hz), low
offset voltage (2 mV maximum), and 1050 MHz −3 dB band-
width, the ADA4817-1/ADA4871-2 are ideal for data acquisition
front ends as well as wideband transimpedance applications,
such as photodiode preamps.
With a wide supply voltage range from 5 V to 10 V and the
ability to operate on either single or dual supplies, the
ADA4817-1/ ADA4817-2 are designed to work in a variety of
applications including active filtering and ADC driving.
The ADA4817-1 is available in a 3 mm × 3 mm, 8-lead LFCSP and
8-lead SOIC, and the ADA4817-2 is available in a 4 mm × 4 mm,
16-lead LFCSP. These packages feature a low distortion pinout
that improves second harmonic distortion and simplifies circuit
board layout. They also feature an exposed paddle that provides a
low thermal resistance path to the printed circuit board (PCB).
This enables more efficient heat transfer and increases reliability.
These products are rated to work over the extended industrial
temperature range (−40°C to +105°C).


Similar Part No. - ADA4817-2ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4817-2ACPZ-R7 AD-ADA4817-2ACPZ-R7 Datasheet
525Kb / 24P
Low Noise, 1 GHz FastFET Op Amps
REV. 0
ADA4817-2ACPZ-R7 AD-ADA4817-2ACPZ-R7 Datasheet
624Kb / 25P
Low Noise, 1 GHz FastFET Op Amps
Rev. C
ADA4817-2ACPZ-R7 AD-ADA4817-2ACPZ-R7 Datasheet
1Mb / 29P
Low Noise, 1 GHz FastFET Op Amps
Rev. H
More results

Similar Description - ADA4817-2ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8033 AD-AD8033 Datasheet
374Kb / 20P
Low Cost, 80 MHz FastFET ??Op Amps
9/08-Rev. C to Rev. D
AD8065 AD-AD8065 Datasheet
364Kb / 28P
High Performance, 145 MHz FastFET??Op Amps
2/04-Data Sheet Changed from Rev. D to Rev. E.
AD8065 AD-AD8065_06 Datasheet
547Kb / 28P
High Performance, 145 MHz FastFET??Op Amps
Rev. G
ADA4817-1 AD-ADA4817-1 Datasheet
525Kb / 24P
Low Noise, 1 GHz FastFET Op Amps
REV. 0
AD8034ARZ AD-AD8034ARZ Datasheet
494Kb / 24P
Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARTZ-REEL7 AD-AD8034ARTZ-REEL7 Datasheet
620Kb / 25P
Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033AKSZ AD-AD8033AKSZ Datasheet
620Kb / 25P
Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033 AD-AD8033_15 Datasheet
620Kb / 25P
Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034 AD-AD8034_15 Datasheet
620Kb / 25P
Low Cost, 80 MHz FastFET Op Amps
REV. D
ADA4817-1 AD-ADA4817-1_16 Datasheet
624Kb / 25P
Low Noise, 1 GHz FastFET Op Amps
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com