Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP193FSZ Datasheet(PDF) 10 Page - Analog Devices

Part # OP193FSZ
Description  Precision, Micropower Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP193FSZ Datasheet(HTML) 10 Page - Analog Devices

Back Button OP193FSZ Datasheet HTML 6Page - Analog Devices OP193FSZ Datasheet HTML 7Page - Analog Devices OP193FSZ Datasheet HTML 8Page - Analog Devices OP193FSZ Datasheet HTML 9Page - Analog Devices OP193FSZ Datasheet HTML 10Page - Analog Devices OP193FSZ Datasheet HTML 11Page - Analog Devices OP193FSZ Datasheet HTML 12Page - Analog Devices OP193FSZ Datasheet HTML 13Page - Analog Devices OP193FSZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
OP193/OP293
Rev. C | Page 10 of 20
120
0
10k
10
FREQUENCY (Hz)
100
80
60
40
20
100
1k
TA = 25°C
VS = ±15V
VS = +5V
Figure 9. CMRR vs. Frequency
25
0
125
–50
TEMPERATURE (°C)
20
15
10
5
–25
0
25
50
75
100
+SR = –SR
VS = ±15V
+SR = –SR
VS = +5V
Figure 10. Slew Rate vs. Temperature
40
0
125
–50
TEMPERATURE (°C)
30
20
10
–25
0
25
50
75
100
| –ISC |
VS = ±15V
+ISC
VS = +5V
| –ISC |
VS = +5V
+ISC
VS = ±15V
Figure 11. Short-Circuit Current vs. Temperature
0
–0.25
125
–50
TEMPERATURE (°C)
–25
0
25
50
75
100
–0.05
–0.10
–0.15
–0.20
VS = +2V
VCM = 0.1V
VS = ±15V
Figure 12. Input Offset Current vs. Temperature
0
–5
125
–50
TEMPERATURE (°C)
–25
0
25
50
75
100
–1
–2
–3
–4
VS = ±15V
VS = +2V
VCM = 0.1V
Figure 13. Input Bias Current vs. Temperature
25
0
125
–50
TEMPERATURE (°C)
20
15
10
5
–25
0
25
50
75
100
VS = ±18V
VS = +2V
VCM = 1V
Figure 14. Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com