Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP193FSZ Datasheet(PDF) 15 Page - Analog Devices

Part # OP193FSZ
Description  Precision, Micropower Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP193FSZ Datasheet(HTML) 15 Page - Analog Devices

Back Button OP193FSZ Datasheet HTML 11Page - Analog Devices OP193FSZ Datasheet HTML 12Page - Analog Devices OP193FSZ Datasheet HTML 13Page - Analog Devices OP193FSZ Datasheet HTML 14Page - Analog Devices OP193FSZ Datasheet HTML 15Page - Analog Devices OP193FSZ Datasheet HTML 16Page - Analog Devices OP193FSZ Datasheet HTML 17Page - Analog Devices OP193FSZ Datasheet HTML 18Page - Analog Devices OP193FSZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
OP193/OP293
Rev. C | Page 15 of 20
A MICROPOWER FALSE-GROUND GENERATOR
Some single-supply circuits work best when inputs are biased
above ground, typically at ½ of the supply voltage. In these
cases, a false ground can be created by using a voltage divider
buffered by an amplifier. One such circuit is shown in Figure 30.
This circuit generates a false-ground reference at ½ of the supply
voltage, while drawing only about 27 μA from a 5 V supply.
The circuit includes compensation to allow for a 1 μF bypass
capacitor at the false-ground output. The benefit of a large
capacitor is that not only does the false ground present a very
low dc resistance to the load, but its ac impedance is low as well.
The OP193 can both sink and source more than 5 mA, which
improves recovery time from transients in the load current.
OP193
2
3
6
7
5V OR 12V
2.5V OR 6V
+
+
4
10k
Ω
100
Ω
0.022µF
240k
Ω
240k
Ω
1µF
1µF
Figure 30. A Micropower False-Ground Generator
A BATTERY-POWERED VOLTAGE REFERENCE
The circuit of Figure 31 is a battery-powered voltage reference
that draws only 17 μA of supply current. At this level, two AA
alkaline cells can power this reference for more than 18 months.
At an output voltage of 1.23 V at 25°C, drift of the reference is
only 5.5 μV/°C over the industrial temperature range. Load
regulation is 85 μV/mA with line regulation at 120 μV/V.
Design of the reference is based on the Brokaw band gap core
technique. Scaling of Resistor R1 and Resistor R2 produces
unequal currents in Q1 and Q2. The resulting ΔVBE across R3
creates a temperature-proportional voltage (PTAT), which, in
turn, produces a larger temperature-proportional voltage across
R4 and R5, V1. The temperature coefficient of V1 cancels (first
order) the complementary to absolute temperature (CTAT)
coefficient of VBE1. When adjusted to 1.23 V at 25°C, output
voltage temperature coefficient is at a minimum. Band gap
references can have start-up problems. With no current in R1
and R2, the OP193 is beyond its positive input range limit and
has an undefined output state. Shorting Pin 5 (an offset adjust
pin) to ground forces the output high under these circumstances
and ensures reliable startup without significantly degrading the
OP193’s offset drift.
3
OP193
2
4
5
6
7
VBE2
Q1
V+
(2.5V TO 36V)
Q2
1
2
3
7
6
5
MAT01AH
R3
68k
Ω
V1
R2
1.5M
Ω
VOUT
(1.23V @ 25°C)
C1
1000pF
R1
240k
Ω
VBE1
+
–
+
–
+
–
ΔVBE
R4
130k
Ω
R5, 20k
Ω
OUTPUT
ADJUST
Figure 31. A Battery-Powered Voltage Reference
A SINGLE-SUPPLY CURRENT MONITOR
Current monitoring essentially consists of amplifying the voltage
drop across a resistor placed in series with the current to be
measured. The difficulty is that only small voltage drops can be
tolerated, and with low precision op amps, this greatly limits the
overall resolution. The single-supply current monitor of Figure 32
has a resolution of 10 μA and is capable of monitoring 30 mA
of current. This range can be adjusted by changing the current
sense resistor, R1. When measuring total system current, it may
be necessary to include the supply current of the current monitor,
which bypasses the current sense resistor, in the final result.
This current can be measured and calibrated (together with the
residual offset) by adjustment of the offset trim potentiometer,
R2. This produces a deliberate temperature dependent offset.
However, the supply current of the OP193 is also proportional
to temperature, and the two effects tend to track. Voltage devel-
oped at the noninverting input and amplified by (1 + R4/R5)
appears at VOUT.
TO CIRCUIT
UNDER TEST
V+
OP193
3
2
1
5
6
4
7
+
–
VOUT =
100mV/mA(ITEST)
R4
9.9k
Ω
R2
100k
Ω
ITEST
R1
1
Ω
R5
100
Ω
R3
100k
Ω
Figure 32. Single-Supply Current Monitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com