Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP08FSZ Datasheet(PDF) 7 Page - Analog Devices

Part # SMP08FSZ
Description  Octal Sample-and-Hold with Multiplexed lnput
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SMP08FSZ Datasheet(HTML) 7 Page - Analog Devices

  SMP08FSZ Datasheet HTML 1Page - Analog Devices SMP08FSZ Datasheet HTML 2Page - Analog Devices SMP08FSZ Datasheet HTML 3Page - Analog Devices SMP08FSZ Datasheet HTML 4Page - Analog Devices SMP08FSZ Datasheet HTML 5Page - Analog Devices SMP08FSZ Datasheet HTML 6Page - Analog Devices SMP08FSZ Datasheet HTML 7Page - Analog Devices SMP08FSZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SMP08
–7–
REV. D
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
SMP08
13
14
15
12
1
2
4
5
3
16
6
7
8
9
10
11
+12V
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
3
15
1
5
16
17
4
+12V
+5V
REF02
+12V
VREFAVDD
VOA
VZ
GND
WR
CS
DAC8228
A
B
C
ADDRESS
DECODE
ADDRESS
BUS
DIGITAL
INPUTS
WR
DGND
INH
0.1µF
PIN 9
C
PIN 10
B
PIN 11
A
PIN 6
INH
CH
PIN
0
0
0
0
1
1
1
1
X
0
0
1
1
0
0
1
1
X
0
1
0
1
0
1
0
1
X
0
0
0
0
0
0
0
0
1
0
1
2
3
4
5
6
7
NONE
13
14
15
12
1
5
2
4
–
CHANNEL DECODING
Figure 18. 8-Channel Multiplexed D/A Converter
Do not apply signals to the SMP08 with power off unless the
input current is limited to less than 10 mA.
TYPICAL APPLICATIONS
AN 8-CHANNEL MULTIPLEXED D/A CONVERTER
Figure 18 illustrates a typical demultiplexing function of the
SMP08. It is used to sample-and-hold eight different output
voltages corresponding to eight different digital codes from a
D/A converter. The SMP08’s droop rate of 20 mV/s requires a
refresh once every 500 ms, before the voltage drifts beyond
1/2 LSB accuracy (1 LSB of an 8-bit DAC is equivalent to
19.5 mV out of a full-scale voltage of 5 V). For a 10-bit DAC
the refresh rate must be less than 120 ms, and, for a 12-bit
system, 31 ms. This implementation is very cost effective com-
pared to using multiple DACs as the number of output channels
increases.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com