Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP08FSZ Datasheet(PDF) 3 Page - Analog Devices

Part # SMP08FSZ
Description  Octal Sample-and-Hold with Multiplexed lnput
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SMP08FSZ Datasheet(HTML) 3 Page - Analog Devices

  SMP08FSZ Datasheet HTML 1Page - Analog Devices SMP08FSZ Datasheet HTML 2Page - Analog Devices SMP08FSZ Datasheet HTML 3Page - Analog Devices SMP08FSZ Datasheet HTML 4Page - Analog Devices SMP08FSZ Datasheet HTML 5Page - Analog Devices SMP08FSZ Datasheet HTML 6Page - Analog Devices SMP08FSZ Datasheet HTML 7Page - Analog Devices SMP08FSZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SMP08
–3–
REV. D
ABSOLUTE MAXIMUM RATINGS
VDD to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, 17 V
VDD to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, 17 V
VLOGIC to DGND . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, VDD
VIN to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSS, VDD
VOUT to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSS, VDD
Analog Output Current . . . . . . . . . . . . . . . . . . . . . . .
±20 mA
(Not Short-Circuit Protected)
Operating Temperature Range
FP, FS . . . . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . . +300
°C
Package Type
JA*
JC
Units
16-Pin Plastic DIP (P)
76
33
°C/W
16-Pin SOIC (S)
92
27
°C/W
*
θ
JA is specified for worst case mounting conditions, i.e., θJA is specified for device
in socket for plastic DIP package;
θ
JA is specified for device soldered to printed
circuit board for SO package.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
SMP08FP
–40
°C to +85°C
Plastic DIP
N-16
SMP08FS
–40
°C to +85°C
SO-16
R-16A
PIN CONNECTIONS
14
13
12
11
16
15
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
SMP08
CH4OUT
CH0OUT
CH1OUT
CH2OUT
VDD
CH6OUT
INPUT
CH7OUT
B CONTROL
A CONTROL
CH3OUT
CH5OUT
INH
VSS
DGND
C CONTROL
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the SMP08 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com