Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP193FS Datasheet(PDF) 13 Page - Analog Devices

Part # OP193FS
Description  Precision, Micropower Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP193FS Datasheet(HTML) 13 Page - Analog Devices

Back Button OP193FS Datasheet HTML 9Page - Analog Devices OP193FS Datasheet HTML 10Page - Analog Devices OP193FS Datasheet HTML 11Page - Analog Devices OP193FS Datasheet HTML 12Page - Analog Devices OP193FS Datasheet HTML 13Page - Analog Devices OP193FS Datasheet HTML 14Page - Analog Devices OP193FS Datasheet HTML 15Page - Analog Devices OP193FS Datasheet HTML 16Page - Analog Devices OP193FS Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
OP193/OP293
Rev. C | Page 13 of 20
FUNCTIONAL DESCRIPTION
The OP193/OP293 operational amplifiers are single-supply,
micropower, precision amplifiers whose input and output ranges
both include ground. Input offset voltage (VOS) is only 100 μV
maximum, while the output delivers ±5 mA to a load. Supply
current is only 15 μA.
A simplified schematic of the input stage is shown in Figure 26.
The input transistors, Q1 and Q2, are PNP devices, which permit
the inputs to operate down to ground potential. The input transis-
tors have resistors in series with the base terminals to protect
the junctions from overvoltage conditions. The second stage is
an NPN cascode that is buffered by an emitter follower before
driving the final PNP gain stage.
The OP193 includes connections to taps on the input load resis-
tors, which can be used to null the input offset voltage, VOS.
The OP293 have two additional transistors, Q7 and Q8. The
behavior of these transistors is discussed in the Output Phase
Reversal—OP193 and Output Phase Reversal—OP293 sections.
The output stage, shown in Figure 25, is a noninverting NPN
totem-pole configuration. Current is sourced to the load by
Emitter Follower Q1, while Q2 provides current sink capability.
When Q2 saturates, the output is pulled to within 5 mV of
ground without an external pull-down resistor. The totem-pole
output stage supplies a minimum of 5 mA to an external load,
even when operating from a single 3.0 V power supply.
Q4
Q1
Q5
Q3
Q2
OUTPUT
I1
I2
I3
V+
FROM
INPUT
STAGE
V–
Figure 25. OP193/OP293 Equivalent Output Circuit
By operating as an emitter follower, Q1 offers a high impedance
load to the final PNP collector of the input stage. Base drive to
Q2 is derived by monitoring Q1’s collector current. Transistor
Q5 tracks the collector current of Q1. When Q1 is on, Q5 keeps
Q4 off, and Current Source I1 keeps Q2 turned off. When Q1 is
driven to cutoff (that is, the output must move toward V−), Q5
allows Q4 to turn on. Q4’s collector current then provides the
base drive for Q3 and Q2, and the output low voltage swing is
set by Q2’s VCE,SAT, which is about 5 mV.
DRIVING CAPACITIVE LOADS
The OP193/OP293 amplifiers are unconditionally stable with
capacitive loads less than 200 pF. However, the small signal,
unity-gain overshoot improves if a resistive load is added. For
example, transient overshoot is 20% when driving a 1000 pF,
10 kΩ load. When driving large capacitive loads in unity-gain
configurations, an in-the-loop compensation technique is
recommended, as illustrated in Figure 30.
2kΩ
2kΩ
+INPUT
Q1
Q7
Q8
Q3
Q4
D1
I2
I3
I4
Q5
Q6
I5
I6
V–
V+
I1
TO
OUTPUT
STAGE
Q2
R2A
R2B
NULLING
TERMINALS
(OP193 ONLY)
R1A
R1B
–INPUT
OP293
ONLY
Figure 26. OP193/OP293 Equivalent Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com