Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP193FS Datasheet(PDF) 18 Page - Analog Devices

Part # OP193FS
Description  Precision, Micropower Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP193FS Datasheet(HTML) 18 Page - Analog Devices

Back Button OP193FS Datasheet HTML 12Page - Analog Devices OP193FS Datasheet HTML 13Page - Analog Devices OP193FS Datasheet HTML 14Page - Analog Devices OP193FS Datasheet HTML 15Page - Analog Devices OP193FS Datasheet HTML 16Page - Analog Devices OP193FS Datasheet HTML 17Page - Analog Devices OP193FS Datasheet HTML 18Page - Analog Devices OP193FS Datasheet HTML 19Page - Analog Devices OP193FS Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
OP193/OP293
Rev. C | Page 18 of 20
OUTLINE DIMENSIONS
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-012-A A
0.25 (0.0098)
0.17 (0.0067)
1.27 (0.0500)
0.40 (0.0157)
0.50 (0.0196)
0.25 (0.0099)
45°
8°
0°
1.75 (0.0688)
1.35 (0.0532)
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0040)
4
1
8
5
5.00 (0.1968)
4.80 (0.1890)
4.00 (0.1574)
3.80 (0.1497)
1.27 (0.0500)
BSC
6.20 (0.2441)
5.80 (0.2284)
0.51 (0.0201)
0.31 (0.0122)
COPLANARITY
0.10
Figure 37. 8-Lead Standard Small Outline Package [SOIC_N]
Narrow Body (R-8)
Dimensions shown in millimeters and (inches)
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
OP193FS
−40°C to +125°C
8-Lead SOIC_N
S-Suffix (R-8)
OP193FS-REEL
−40°C to +125°C
8-Lead SOIC_N
S-Suffix (R-8)
OP193FS-REEL7
−40°C to +125°C
8-Lead SOIC_N
S-Suffix (R-8)
OP193FSZ1
−40°C to +125°C
8-Lead SOIC_N
S-Suffix (R-8)
OP193FSZ-REEL1
−40°C to +125°C
8-Lead SOIC_N
S-Suffix (R-8)
OP193FSZ-REEL71
−40°C to +125°C
8-Lead SOIC_N
S-Suffix (R-8)
OP293ES
−40°C to +125°C
8-Lead SOIC_N
S-Suffix (R-8)
OP293ES-REEL
−40°C to +125°C
8-Lead SOIC_N
S-Suffix (R-8)
OP293ES-REEL7
−40°C to +125°C
8-Lead SOIC_N
S-Suffix (R-8)
OP293ESZ1
−40°C to +125°C
8-Lead SOIC_N
S-Suffix (R-8)
OP293ESZ-REEL1
−40°C to +125°C
8-Lead SOIC_N
S-Suffix (R-8)
OP293ESZ-REEL71
−40°C to +125°C
8-Lead SOIC_N
S-Suffix (R-8)
OP293FS
−40°C to +125°C
8-Lead SOIC_N
S-Suffix (R-8)
OP293FS-REEL
−40°C to +125°C
8-Lead SOIC_N
S-Suffix (R-8)
OP293FS-REEL7
−40°C to +125°C
8-Lead SOIC_N
S-Suffix (R-8)
OP293FSZ1
−40°C to +125°C
8-Lead SOIC_N
S-Suffix (R-8)
OP293FSZ-REEL1
−40°C to +125°C
8-Lead SOIC_N
S-Suffix (R-8)
OP293FSZ-REEL71
−40°C to +125°C
8-Lead SOIC_N
S-Suffix (R-8)
1
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com