Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLZ44NS/L Datasheet(PDF) 6 Page - International Rectifier

Part # IRLZ44NS/L
Description  Logic-Level Gate Drive
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLZ44NS/L Datasheet(HTML) 6 Page - International Rectifier

Back Button IRLZ44NS/L Datasheet HTML 2Page - International Rectifier IRLZ44NS/L Datasheet HTML 3Page - International Rectifier IRLZ44NS/L Datasheet HTML 4Page - International Rectifier IRLZ44NS/L Datasheet HTML 5Page - International Rectifier IRLZ44NS/L Datasheet HTML 6Page - International Rectifier IRLZ44NS/L Datasheet HTML 7Page - International Rectifier IRLZ44NS/L Datasheet HTML 8Page - International Rectifier IRLZ44NS/L Datasheet HTML 9Page - International Rectifier IRLZ44NS/L Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IRLZ44NS/L
Fig 12a. Unclamped Inductive Test Circuit
Fig 12b. Unclamped Inductive Waveforms
VDS
L
D.U.T.
VDD
IAS
tp
0.01
Ω
RG
+
-
tp
VDS
IAS
VDD
V(BR)DSS
5.0 V
QG
QGS
QGD
VG
Charge
Fig 13a. Basic Gate Charge Waveform
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
Ω
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 13b. Gate Charge Test Circuit
5.0 V
0
100
200
300
400
500
25
50
75
100
125
150
175
J
A
Sta rtin g T , J u nc tion T em perature (°C )
I
T O P
10 A
1 7A
B O TT O M
25 A
V
= 25 V
D
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com