Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLZ44NS/L Datasheet(PDF) 1 Page - International Rectifier

Part # IRLZ44NS/L
Description  Logic-Level Gate Drive
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLZ44NS/L Datasheet(HTML) 1 Page - International Rectifier

  IRLZ44NS/L Datasheet HTML 1Page - International Rectifier IRLZ44NS/L Datasheet HTML 2Page - International Rectifier IRLZ44NS/L Datasheet HTML 3Page - International Rectifier IRLZ44NS/L Datasheet HTML 4Page - International Rectifier IRLZ44NS/L Datasheet HTML 5Page - International Rectifier IRLZ44NS/L Datasheet HTML 6Page - International Rectifier IRLZ44NS/L Datasheet HTML 7Page - International Rectifier IRLZ44NS/L Datasheet HTML 8Page - International Rectifier IRLZ44NS/L Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
IRLZ44NS/L
HEXFET® Power MOSFET
PD - 91347D
l Advanced Process Technology
l Surface Mount (IRLZ44NS)
l Low-profile through-hole (IRLZ44NL)
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.4
RθJA
Junction-to-Ambient ( PCB Mounted,steady-state)**
–––
40
Thermal Resistance
°C/W
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V…
47
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V…
33
A
IDM
Pulsed Drain Current
…
160
PD @TA = 25°C
Power Dissipation
3.8
W
PD @TC = 25°C
Power Dissipation
110
W
Linear Derating Factor
0.71
W/°C
VGS
Gate-to-Source Voltage
±16
V
EAS
Single Pulse Avalanche Energy
‚…
210
mJ
IAR
Avalanche Current

25
A
EAR
Repetitive Avalanche Energy

11
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ…
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low
on-resistance per silicon area.
This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power MOSFETs
are well known for, provides the designer with an extremely
efficient and reliable device for use in a wide variety of
applications.
The D2Pak is a surface mount power package capable of
accommodating die sizes up to HEX-4. It provides the
highest power capability and the lowest possible on-
resistance in any existing surface mount package. The
D2Pak is suitable for high current applications because of
its low internal connection resistance and can dissipate
up to 2.0W in a typical surface mount application.
The through-hole version (IRLZ44NL) is available for low-
profile applications.
Description
VDSS = 55V
RDS(on) = 0.022Ω
ID = 47A
2
D
P ak
TO-26 2
S
D
G
5/11/98
l Logic-Level Gate Drive


Similar Part No. - IRLZ44NS/L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLZ44NS IRF-IRLZ44NS Datasheet
178Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=0.022ohm, Id=47A)
IRLZ44NS IRF-IRLZ44NS Datasheet
189Kb / 11P
Logic-Level Gate Drive
IRLZ44NSLPBF IRF-IRLZ44NSLPBF Datasheet
345Kb / 11P
Logic-Level Gate Drive
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
345Kb / 11P
Advnaced Process Technology
More results

Similar Description - IRLZ44NS/L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR3105TRPBF IRF-IRLR3105TRPBF Datasheet
327Kb / 11P
Logic-Level Gate Drive
IRL520NPBF IRF-IRL520NPBF Datasheet
313Kb / 9P
Logic-level Gate Drive
IRLZ34NSLPBF IRF-IRLZ34NSLPBF Datasheet
191Kb / 11P
Logic-Level Gate Drive
IRLR2705TRL IRF-IRLR2705TRL Datasheet
202Kb / 11P
Logic-Level Gate Drive
IRLR014NTRPBF IRF-IRLR014NTRPBF Datasheet
293Kb / 10P
Logic-Level Gate Drive
logo
Kersemi Electronic Co.,...
IRLU024N KERSEMI-IRLU024N Datasheet
939Kb / 10P
Logic-Level Gate Drive
IRLU3410 KERSEMI-IRLU3410 Datasheet
921Kb / 10P
Logic Level Gate Drive
logo
International Rectifier
IRLR2703PBF IRF-IRLR2703PBF_15 Datasheet
319Kb / 11P
Logic-Level Gate Drive
AUIRLZ24NS IRF-AUIRLZ24NS Datasheet
277Kb / 12P
Logic Level Gate Drive
logo
Infineon Technologies A...
AUIRLS8409-7P INFINEON-AUIRLS8409-7P Datasheet
278Kb / 11P
Logic Level Gate Drive
2016-02-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com