Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCCPLD Datasheet(PDF) 51 Page - Microsemi Corporation

Part # VCCPLD
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VCCPLD Datasheet(HTML) 51 Page - Microsemi Corporation

Back Button VCCPLD Datasheet HTML 47Page - Microsemi Corporation VCCPLD Datasheet HTML 48Page - Microsemi Corporation VCCPLD Datasheet HTML 49Page - Microsemi Corporation VCCPLD Datasheet HTML 50Page - Microsemi Corporation VCCPLD Datasheet HTML 51Page - Microsemi Corporation VCCPLD Datasheet HTML 52Page - Microsemi Corporation VCCPLD Datasheet HTML 53Page - Microsemi Corporation VCCPLD Datasheet HTML 54Page - Microsemi Corporation VCCPLD Datasheet HTML 55Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 212 page
background image
Military ProASIC3/EL Low Power Flash FPGAs
Revision 3
2-37
The length of time an I/O can withstand IOSH/IOSL events depends on the junction temperature. The
reliability data below is based on a 3.3 V, 12 mA I/O setting, which is the worst case for this type of
analysis.
Table 2-41 • I/O Short Currents IOSH/IOSL
Applicable to Standard Plus I/O Banks for A3P250 and A3P1000 Only
Drive Strength
IOSL (mA)*
IOSH (mA)*
3.3 V LVTTL / 3.3V LVCMOS
2mA
25
27
4mA
25
27
6mA
51
54
8mA
51
54
12mA
103
109
16mA
103
109
3.3 V LVCMOS Wide Range
100 µA
Same specification as regular LVCMOS 3.3 V
2.5 V LVCMOS
2mA
16
18
4mA
16
18
6mA
32
37
8mA
32
37
12mA
65
74
1.8 V LVCMOS
2mA
9
11
4mA
17
22
6mA
35
44
8mA
35
44
1.5V LVCMOS
2mA
13
16
4mA
25
33
3.3 V PCI/PCI-X
Per PCI/PCI-X specification
103
109
Note:
*TJ = 100°C
Table 2-42 • Schmitt Trigger Input Hysteresis, Hysteresis Voltage Value (typical) for Schmitt Mode Input
Buffers Applicable to A3PE600L and A3PE3000L Only
Input Buffer Configuration
Hysteresis Value (typical)
3.3 V LVTTL/LVCMOS/PCI/PCI-X (Schmitt trigger mode)
240 mV
2.5 V LVCMOS (Schmitt trigger mode)
140 mV
1.8 V LVCMOS (Schmitt trigger mode)
80 mV
1.5 V LVCMOS (Schmitt trigger mode)
60 mV
1.2 V LVCMOS (Schmitt trigger mode)
40 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com