Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCCPLD Datasheet(PDF) 8 Page - Microsemi Corporation

Part # VCCPLD
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VCCPLD Datasheet(HTML) 8 Page - Microsemi Corporation

Back Button VCCPLD Datasheet HTML 4Page - Microsemi Corporation VCCPLD Datasheet HTML 5Page - Microsemi Corporation VCCPLD Datasheet HTML 6Page - Microsemi Corporation VCCPLD Datasheet HTML 7Page - Microsemi Corporation VCCPLD Datasheet HTML 8Page - Microsemi Corporation VCCPLD Datasheet HTML 9Page - Microsemi Corporation VCCPLD Datasheet HTML 10Page - Microsemi Corporation VCCPLD Datasheet HTML 11Page - Microsemi Corporation VCCPLD Datasheet HTML 12Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 212 page
background image
Military ProASIC3/EL Device Family Overview
1-2
Revision 3
Flash Advantages
Low Powerƒ
The military ProASIC3EL family of flash-based FPGAs provides a low-power advantage, and when
coupled with high performance, enables designers to make power-smart choices using a single-chip,
reprogrammable, and live-at-power-up device.
Military ProASIC3EL devices offer 40% dynamic power and 50% static power savings by reducing the
core operating voltage to 1.2 V. In addition, the power-driven layout (PDL) feature in Libero® Integrated
Design Environment (IDE) offers up to 30% additional power reduction. With Flash*Freeze technology,
military ProASIC3EL device is able to retain device SRAM and logic while dynamic power is reduced to a
minimum, without the need to stop clock or power supplies. Combining these features provides a low-
power, feature-rich, and high-performance solution.
Security
Nonvolatile, flash-based military ProASIC3/EL devices do not require a boot PROM, so there is no
vulnerable external bitstream that can be easily copied. Military ProASIC3/EL devices incorporate
FlashLock, which provides a unique combination of reprogrammability and design security without
external overhead, advantages that only an FPGA with nonvolatile flash programming can offer.
Military ProASIC3/EL devices utilize a 128-bit flash-based lock and a separate AES key to secure
programmed intellectual property and configuration data. In addition, all FlashROM data in military
ProASIC3/EL devices can be encrypted prior to loading, using the industry-leading AES-128 (FIPS192)
bit block cipher encryption standard. AES was adopted by the National Institute of Standards and
Technology (NIST) in 2000 and replaces the 1977 DES standard. Military ProASIC3/EL devices have a
built-in AES decryption engine and a flash-based AES key that make them the most comprehensive
programmable logic device security solution available today. Military ProASIC3/EL devices with AES-
based security allow for secure, remote field updates over public networks such as the Internet, and
ensure that valuable IP remains out of the hands of system overbuilders, system cloners, and IP thieves.
Security, built into the FPGA fabric, is an inherent component of the military ProASIC3/EL family. The
flash cells are located beneath seven metal layers, and many device design and layout techniques have
been used to make invasive attacks extremely difficult. The military ProASIC3/EL family, with FlashLock
and AES security, is unique in being highly resistant to both invasive and noninvasive attacks. Your
valuable IP is protected and secure, making remote ISP possible. A military ProASIC3/EL device
provides the most impenetrable security for programmable logic designs.
Single Chip
Flash-based FPGAs store their configuration information in on-chip flash cells. Once programmed, the
configuration data is an inherent part of the FPGA structure, and no external configuration data needs to
be loaded at system power-up (unlike SRAM-based FPGAs). Therefore, flash-based military
ProASIC3/EL FPGAs do not require system configuration components such as EEPROMs or
microcontrollers to load device configuration data. This reduces bill-of-materials costs and PCB area,
and increases security and system reliability.
Live at Power-Up
Flash-based military ProASIC3/EL devices support Level 0 of the LAPU classification standard. This
feature helps in system component initialization, execution of critical tasks before the processor wakes
up, setup and configuration of memory blocks, clock generation, and bus activity management. The
LAPU feature of flash-based military ProASIC3/EL devices greatly simplifies total system design and
reduces total system cost, often eliminating the need for CPLDs and clock generation PLLs. In addition,
glitches and brownouts in system power will not corrupt the military ProASIC3/EL device's flash
configuration, and unlike SRAM-based FPGAs, the device will not have to be reloaded when system
power is restored. This enables the reduction or complete removal of the configuration PROM, expensive
voltage monitor, brownout detection, and clock generator devices from the PCB design. Flash-based
military ProASIC3/EL devices simplify total system design and reduce cost and design risk while
increasing system reliability and improving system initialization time.
ƒ A3P1000 only supports 1.5 V core operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com