Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO130NDB3V2 Datasheet(PDF) 56 Page - Microsemi Corporation

Part # IO130NDB3V2
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO130NDB3V2 Datasheet(HTML) 56 Page - Microsemi Corporation

Back Button IO130NDB3V2 Datasheet HTML 52Page - Microsemi Corporation IO130NDB3V2 Datasheet HTML 53Page - Microsemi Corporation IO130NDB3V2 Datasheet HTML 54Page - Microsemi Corporation IO130NDB3V2 Datasheet HTML 55Page - Microsemi Corporation IO130NDB3V2 Datasheet HTML 56Page - Microsemi Corporation IO130NDB3V2 Datasheet HTML 57Page - Microsemi Corporation IO130NDB3V2 Datasheet HTML 58Page - Microsemi Corporation IO130NDB3V2 Datasheet HTML 59Page - Microsemi Corporation IO130NDB3V2 Datasheet HTML 60Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 212 page
background image
Military ProASIC3/EL DC and Switching Characteristics
2-42
Revision 3
1.5 V DC Core Voltage
Table 2-51 • 3.3 V LVTTL / 3.3 V LVCMOS Low Slew
Military-Case Conditions: TJ = 125°C, VCC = 1.425 V, Worst-Case VCCI = 3.0 V
Applicable to Pro I/Os for A3PE600L and A3PE3000L Only
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tPYS tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
0.61
5.90 0.04 1.45 2.09
0.40
5.98 4.73 2.52 2.24
7.45
6.19
ns
–1
0.52
5.02 0.03 1.23 1.78
0.34
5.09 4.02 2.15 1.90
6.34
5.27
ns
8 mA
Std.
0.61
4.80 0.04 1.45 2.09
0.40
4.86 4.02 2.87 2.85
6.32
5.49
ns
–1
0.52
4.08 0.03 1.23 1.78
0.34
4.13 3.42 2.44 2.43
5.38
4.67
ns
12 mA
Std.
0.61
4.02 0.04 1.45 2.09
0.40
4.06 3.49 3.09 3.23
5.53
4.96
ns
–1
0.52
3.42 0.03 1.23 1.78
0.34
3.46 2.97 2.63 2.75
4.70
4.22
ns
16 mA
Std.
0.61
3.79 0.04 1.45 2.09
0.40
3.84 3.38 3.14 3.34
5.30
4.84
ns
–1
0.52
3.23 0.03 1.23 1.78
0.34
3.26 2.87 2.67 2.84
4.51
4.12
ns
24 mA
Std.
0.61
3.67 0.04 1.45 2.09
0.40
3.72 3.39 3.20 3.74
5.18
4.86
ns
–1
0.52
3.13 0.03 1.23 1.78
0.34
3.16 2.88 2.72 3.18
4.41
4.13
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-5 on page 2-8 for derating values.
Table 2-52 • 3.3 V LVTTL / 3.3 V LVCMOS High Slew
Military-Case Conditions: TJ = 125°C, VCC = 1.425 V, Worst-Case VCCI = 3.0 V
Applicable to Pro I/Os for A3PE600L and A3PE3000L Only
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tPYS tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
0.61
3.26 0.04 1.45 2.09
0.40
3.30 2.48 2.52 2.38
4.76
3.95
ns
–1
0.52
2.77 0.03 1.23 1.78
0.34
2.80
2.11
2.15 2.03
4.05
3.36
ns
8 mA
Std.
0.61
2.66 0.04 1.45 2.09
0.40
2.68 1.97 2.87 3.00
4.15
3.43
ns
–1
0.52
2.26 0.03 1.23 1.78
0.34
2.28 1.67 2.44 2.55
3.53
2.92
ns
12 mA
Std.
0.61
2.32 0.04 1.45 2.09
0.40
2.33 1.72 3.09 3.40
3.80
3.18
ns
–1
0.52
1.97 0.03 1.23 1.78
0.34
1.99 1.46 2.63 2.89
3.23
2.71
ns
16 mA
Std.
0.61
2.26 0.04 1.45 2.09
0.40
2.28 1.67 3.15 3.51
3.74
3.14
ns
–1
0.52
1.92 0.03 1.23 1.78
0.34
1.94 1.42 2.68 2.98
3.18
2.67
ns
24 mA
Std.
0.61
2.28 0.04 1.45 2.09
0.40
2.30 1.61 3.21 3.90
3.77
3.07
ns
–1
0.52
1.94 0.03 1.23 1.78
0.34
1.96 1.37 2.73 3.32
3.20
2.61
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-5 on page 2-8 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com