Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO130NDB3V2 Datasheet(PDF) 79 Page - Microsemi Corporation

Part # IO130NDB3V2
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO130NDB3V2 Datasheet(HTML) 79 Page - Microsemi Corporation

Back Button IO130NDB3V2 Datasheet HTML 75Page - Microsemi Corporation IO130NDB3V2 Datasheet HTML 76Page - Microsemi Corporation IO130NDB3V2 Datasheet HTML 77Page - Microsemi Corporation IO130NDB3V2 Datasheet HTML 78Page - Microsemi Corporation IO130NDB3V2 Datasheet HTML 79Page - Microsemi Corporation IO130NDB3V2 Datasheet HTML 80Page - Microsemi Corporation IO130NDB3V2 Datasheet HTML 81Page - Microsemi Corporation IO130NDB3V2 Datasheet HTML 82Page - Microsemi Corporation IO130NDB3V2 Datasheet HTML 83Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 212 page
background image
Military ProASIC3/EL Low Power Flash FPGAs
Revision 3
2-65
Timing Characteristics
1.2 V DC Core Voltage
Table 2-97 • 1.5 V LVCMOS Low Slew
Military-Case Conditions: TJ = 125°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 1.4 V
Applicable to Pro I/Os for A3PE600L and A3PE3000L Only
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tPYS tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
0.80
9.53 0.05 2.19 3.06
0.52
9.69 7.88 3.38 2.67
11.90
10.09
ns
–1
0.68
8.10 0.05 1.86 2.61
0.44
8.25 6.71 2.87 2.27
10.12
8.58
ns
4 mA
Std.
0.80
8.14 0.05 2.19 3.06
0.52
8.28 6.89 3.74 3.34
10.49
9.09
ns
–1
0.68
6.93 0.05 1.86 2.61
0.44
7.05 5.86 3.18 2.84
8.92
7.74
ns
6 mA
Std.
0.80
7.64 0.05 2.19 3.06
0.52
7.78 6.70 3.82 3.52
9.98
8.91
ns
–1
0.68
6.50 0.05 1.86 2.61
0.44
6.61 5.70 3.25 2.99
8.49
7.58
ns
8 mA
Std.
0.80
7.55 0.05 2.19 3.06
0.52
7.68 6.71 3.41 4.19
9.88
8.91
ns
–1
0.68
6.42 0.05 1.86 2.61
0.44
6.53 5.71 2.90 3.56
8.41
7.58
ns
12 mA
Std.
0.80
7.55 0.05 2.19 3.06
0.52
7.68 6.71 3.41 4.19
9.88
8.91
ns
–1
0.68
6.42 0.05 1.86 2.61
0.44
6.53 5.71 2.90 3.56
8.41
7.58
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-5 on page 2-8 for derating values.
Table 2-98 • 1.5 V LVCMOS High Slew
Military-Case Conditions: TJ = 125°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 1.4 V
Applicable to Pro I/Os for A3PE600L and A3PE3000L Only
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tPYS tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
0.80
3.91 0.05 2.19 3.06
0.52
3.98 3.54 3.37 2.78
6.18
5.75
ns
–1
0.68
3.33 0.05 1.86 2.61
0.44
3.38 3.01 2.86 2.36
5.26
4.89
ns
4 mA
Std.
0.80
3.34 0.05 2.19 3.06
0.52
3.39 2.90 3.73 3.45
5.60
5.11
ns
–1
0.68
2.84 0.05 1.86 2.61
0.44
2.88 2.47 3.17 2.93
4.76
4.35
ns
6 mA
Std.
0.80
3.23 0.05 2.19 3.06
0.52
3.28 2.78 3.81 3.64
5.48
4.99
ns
–1
0.68
2.74 0.05 1.86 2.61
0.44
2.79 2.37 3.24 3.09
4.66
4.24
ns
8 mA
Std.
0.80
3.19 0.05 2.19 3.06
0.52
3.24 2.63 3.93 4.33
5.45
4.84
ns
–1
0.68
2.71 0.05 1.86 2.61
0.44
2.76 2.24 3.34 3.69
4.63
4.12
ns
12 mA
Std.
0.80
3.19 0.05 2.19 3.06
0.52
3.24 2.63 3.93 4.33
5.45
4.84
ns
–1
0.68
2.71 0.05 1.86 2.61
0.44
2.76 2.24 3.34 3.69
4.63
4.12
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-5 on page 2-8 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com