Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XLAMPMCE Datasheet(PDF) 1 Page - Cree, Inc

Part # XLAMPMCE
Description  Product family data sheet
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XLAMPMCE Datasheet(HTML) 1 Page - Cree, Inc

  XLAMPMCE Datasheet HTML 1Page - Cree, Inc XLAMPMCE Datasheet HTML 2Page - Cree, Inc XLAMPMCE Datasheet HTML 3Page - Cree, Inc XLAMPMCE Datasheet HTML 4Page - Cree, Inc XLAMPMCE Datasheet HTML 5Page - Cree, Inc XLAMPMCE Datasheet HTML 6Page - Cree, Inc XLAMPMCE Datasheet HTML 7Page - Cree, Inc XLAMPMCE Datasheet HTML 8Page - Cree, Inc XLAMPMCE Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Product family data sheet
cree® Xlamp® mc-e led
Copyright © 2008-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without
notice. Cree®, the Cree logo, XLamp® and easywhite® are are registered trademarks of Cree, Inc.
Product descriPtion
The XLamp mC-e LeD is a family
of lighting-class, multi-chip LeDs
that provides high lumen output
in a small package. Compared
to discrete LeDs, XLamp mC-e
LeDs reduce the distance between
LeD die, creating a small optical
source for excellent optical control
and efficient color mixing. XLamp
mC-e LeDs can reduce LeD system
complexity by reducing the number
of components required.
Cree
XLamp
LeDs
bring
high
performance and quality of light to a
wide range of lighting applications,
including color-changing lighting,
portable
and
personal
lighting,
outdoor lighting, indoor directional
lighting, and entertainment lighting.
features
•
Available in white (2600 K –
10,000 K CCT), easywhite®,
Dynamic white, or color
(RGBw)
•
ANSI-compatible neutral &
warm white chromaticity bins
•
Individually addressable LeDs
•
mC-e Dynamic white LeDs
have two cool-white (6500 K)
and two warm-white (2700 K)
LeD die
•
mC-e easywhite LeDs
available in 2 and 4-step bins,
up to 85 CRI
•
maximum drive current:
700 mA per LeD die
•
Reflow solderable – JEDEC
J-STD-020
•
electrically neutral thermal
path
•
RoHS-compliant
•
UL-recognized component
(e349212)
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
table of contents
Characteristics
Complete package .................. 2
per LeD Die (white) ................ 2
per LeD Die (Color) ................. 2
Flux Characteristics
white.................................... 3
easywhite ............................. 4
Relative Spectral power
Distribution
white.................................... 5
Color..................................... 5
Relative Flux output vs
Junction Temperature................. 6
electrical Characteristics............. 7
Relative Intensity vs. Current ...... 7
Typical Spatial Radiation pattern .. 8
Reflow Soldering Characteristics .. 9
Notes......................................10
mechanical Dimensions..............12
Tape and Reel ..........................13
packaging................................14
mc-e White
mc-e color
mc-e dynamic White


Similar Part No. - XLAMPMCE

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
XLamp® XP-G3 LEDs
REV 11
More results

Similar Description - XLAMPMCE

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
MACHXO LATTICE-MACHXO Datasheet
942Kb / 95P
MachXO Family Data Sheet
LFXP LATTICE-LFXP Datasheet
788Kb / 130P
LatticeXP Family Data Sheet
XP2 LATTICE-XP2 Datasheet
1Mb / 92P
LatticeXP2 Family Data Sheet
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
M68HC11E Family Data Sheet
logo
Microchip Technology
PIC18F66K22-I MICROCHIP-PIC18F66K22-I Datasheet
4Mb / 550P
PIC18F87K22 Family Data Sheet
05/02/11
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lite-On Technology Corp...
CNY17F-3S-TA LITEON-CNY17F-3S-TA Datasheet
461Kb / 10P
Photocoupler Product Data Sheet
LTV-816S-TA1 LITEON-LTV-816S-TA1 Datasheet
1Mb / 18P
Photocoupler Product Data Sheet
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
MachXO2 Family Data Sheet
2010-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com