Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1783CS6 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1783CS6
Description  1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1783CS6 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1783CS6 Datasheet HTML 4Page - Linear Technology LT1783CS6 Datasheet HTML 5Page - Linear Technology LT1783CS6 Datasheet HTML 6Page - Linear Technology LT1783CS6 Datasheet HTML 7Page - Linear Technology LT1783CS6 Datasheet HTML 8Page - Linear Technology LT1783CS6 Datasheet HTML 9Page - Linear Technology LT1783CS6 Datasheet HTML 10Page - Linear Technology LT1783CS6 Datasheet HTML 11Page - Linear Technology LT1783CS6 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LT1783
8
1783fd
TYPICAL PERFORMANCE CHARACTERISTICS
Output Saturation Voltage
vs Input Overdrive
Output Short-Circuit Current
vs Temperature
0.1Hz to 10Hz Noise Voltage
Noise Voltage Density
vs Frequency
Input Noise Current vs Frequency
Gain and Phase Shift
vs Frequency
Gain Bandwidth Product
vs Temperature
Slew Rate vs Temperature
INPUT OVERDRIVE (mV)
0
100
10
1
1783 G07
10
20
30
40
50
60
OUTPUT HIGH
VS = ±2.5V
NO LOAD
OUTPUT LOW
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
1783 G08
55
50
45
40
35
30
VS = ±5V
SINKING CURRENT
SOURCING CURRENT
TIME (sec)
1783 G09
VS = ±2.5V
0123456789
10
FREQUENCY (Hz)
70
60
50
40
30
20
10
1
100
1k
10k
1783 G10
10
VS = ±2.5V
FREQUENCY (Hz)
3.0
2.5
2.0
1.5
1.0
0.5
0
1
100
1k
10k
1783 G11
10
VS = ±2.5V
FREQUENCY (Hz)
1k
70
60
50
40
30
20
10
0
–10
–20
–30
120
100
80
60
40
20
0
–20
–40
–60
–80
10k
100k
1M
10M
1783 G12
VS = ±2.5V
PHASE
GAIN
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
1783 G13
1400
1350
1300
1250
1200
1150
1100
f = 5kHz
VS = ±2.5V
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
1783 G14
0.8
0.7
0.6
0.5
0.4
0.3
0.2
VS = ±5V
RISING
FALLING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com