Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1783CS6 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1783CS6
Description  1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1783CS6 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1783CS6 Datasheet HTML 8Page - Linear Technology LT1783CS6 Datasheet HTML 9Page - Linear Technology LT1783CS6 Datasheet HTML 10Page - Linear Technology LT1783CS6 Datasheet HTML 11Page - Linear Technology LT1783CS6 Datasheet HTML 12Page - Linear Technology LT1783CS6 Datasheet HTML 13Page - Linear Technology LT1783CS6 Datasheet HTML 14Page - Linear Technology LT1783CS6 Datasheet HTML 15Page - Linear Technology LT1783CS6 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LT1783
12
1783fd
SIMPLIFIED SCHEMATIC
Gain
The open-loop gain is almost independent of load when
the output is sourcing current. This optimizes performance
in single supply applications where the load is returned to
ground. The typical performance curve of open-loop gain
for various loads shows the details.
Shutdown
The 6-lead part includes a shutdown feature that disables
the part, reducing quiescent current and making the output
high impedance. The part can be shut down by bringing
the SHDN pin 1.2V or more above V–. When shut down,
the supply current is about 5μA and the output leakage
current is less than 1μA (V– ≤ VOUT ≤ V+). In normal opera-
tion, the SHDN pin can be tied to V– or left floating. See
the Typical Performance Characteristics curves, “Supply
Current vs Shutdown Voltage.”
Q10
D5
Q9
Q1
Q7
R2
1k
R3
1k
R4
8k
Q8
Q5
–IN
+IN
Q11
Q12
D4
Q2
D1
Q6
Q13
Q14
R1
6k
R5
8k
Q4
Q15
Q19
D3
Q3
Q16
Q18
Q22
V+
Q17
Q20
Q21
OUT
V–
1783 SS
SHDN
10μA
+
Q23
Q24
Q25
Q26
J1
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com