Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3013MPFE Datasheet(PDF) 10 Page - Linear Technology

Part # LT3013MPFE
Description  250mA, 4V to 80V Low Dropout Micropower
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3013MPFE Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3013MPFE Datasheet HTML 6Page - Linear Technology LT3013MPFE Datasheet HTML 7Page - Linear Technology LT3013MPFE Datasheet HTML 8Page - Linear Technology LT3013MPFE Datasheet HTML 9Page - Linear Technology LT3013MPFE Datasheet HTML 10Page - Linear Technology LT3013MPFE Datasheet HTML 11Page - Linear Technology LT3013MPFE Datasheet HTML 12Page - Linear Technology LT3013MPFE Datasheet HTML 13Page - Linear Technology LT3013MPFE Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LT3013
10
3013fe
TYPICAL PERFORMANCE CHARACTERISTICS
TIME (μs)
0
–0.05
0.05
400
3013 G24
100
–0.10
–0.15
0
0.10
0.15
200
300
0
100
200
300
500
VIN = 6V
VOUT = 5V
CIN = 3.3μF CERAMIC
COUT = 3.3μF CERAMIC
ΔILOAD = 100mA TO 200mA
FREQUENCY (Hz)
0.1
1
10
1k
10k
100k
0.01
100
10
COUT = 3.3μF
ILOAD = 250mA
TEMPERATURE (°C)
–4
–2
3013 G21
–12
–16
–18
–20
0
–8
–6
–10
–14
–50
0
50
75
–25
25
100
150
125
ΔIL = 1mA TO 250mA
Load Regulation
Output Noise Spectral Density
10Hz to 100kHz Output Noise
Transient Response
VOUT
100μV/DIV
COUT = 10μF
IL = 250mA
VOUT = 1.24V
1ms/DIV
3013 G23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com