Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3013MPFE Datasheet(PDF) 15 Page - Linear Technology

Part # LT3013MPFE
Description  250mA, 4V to 80V Low Dropout Micropower
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3013MPFE Datasheet(HTML) 15 Page - Linear Technology

Back Button LT3013MPFE Datasheet HTML 8Page - Linear Technology LT3013MPFE Datasheet HTML 9Page - Linear Technology LT3013MPFE Datasheet HTML 10Page - Linear Technology LT3013MPFE Datasheet HTML 11Page - Linear Technology LT3013MPFE Datasheet HTML 12Page - Linear Technology LT3013MPFE Datasheet HTML 13Page - Linear Technology LT3013MPFE Datasheet HTML 14Page - Linear Technology LT3013MPFE Datasheet HTML 15Page - Linear Technology LT3013MPFE Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
LT3013
15
3013fe
APPLICATIONS INFORMATION
For surface mount devices, heat sinking is accomplished
by using the heat spreading capabilities of the PC board
and its copper traces. Copper board stiffeners and plated
through-holes can also be used to spread the heat generated
by power devices.
The following tables list thermal resistance for several
different board sizes and copper areas. All measurements
were taken in still air on 3/32” FR-4 board with one ounce
copper.
Table 1. TSSOP Measured Thermal Resistance
COPPER AREA
TOPSIDE
BOARD AREA
THERMAL RESISTANCE
(JUNCTION-TO-AMBIENT)
2500 sq mm
2500 sq mm
40°C/W
1000 sq mm
2500 sq mm
45°C/W
225 sq mm
2500 sq mm
50°C/W
100 sq mm
2500 sq mm
62°C/W
Table 2. DFN Measured Thermal Resistance
COPPER AREA
TOPSIDE
BOARD AREA
THERMAL RESISTANCE
(JUNCTION-TO-AMBIENT)
2500 sq mm
2500 sq mm
40°C/W
1000 sq mm
2500 sq mm
45°C/W
225 sq mm
2500 sq mm
50°C/W
100 sq mm
2500 sq mm
62°C/W
The thermal resistance junction-to-case (θJC), measured
at the exposed pad on the back of the die, is 16°C/W.
Continuous operation at large input/output voltage dif-
ferentials and maximum load current is not practical
due to thermal limitations. Transient operation at high
input/output differentials is possible. The approximate
thermal time constant for a 2500sq mm 3/32” FR-4 board
with maximum topside and backside area for one ounce
copper is three seconds. This time constant will increase
as more thermal mass is added (i.e., vias, larger board,
and other components).
For an application with transient high power peaks, average
power dissipation can be used for junction temperature
calculations if the pulse period is significantly less than
the thermal time constant of the device and board.
Calculating Junction Temperature
Example 1: Given an output voltage of 5V, an input voltage
range of 8V to 12V, an output current range of 0mA to
250mA, and a maximum ambient temperature of 30°C,
what will the maximum junction temperature be?
The power dissipated by the device will be equal to:
IOUT(MAX) • (VIN(MAX) – VOUT) + (IGND • VIN(MAX))
where:
IOUT(MAX) = 250mA
VIN(MAX) = 12V
IGND at (IOUT = 250mA, VIN = 12V) = 8mA
So:
P = 250mA • (12V – 5V) + (8mA • 12V) = 1.85W
The thermal resistance will be in the range of 40°C/W to
62°C/W depending on the copper area. So the junction
temperature rise above ambient will be approximately
equal to:
1.85W • 50°C/W = 92.3°C
The maximum junction temperature will then be equal to
the maximum junction temperature rise above ambient
plus the maximum ambient temperature or:
TJMAX = 30°C + 92.3°C = 122.3°C
Example 2: Given an output voltage of 5V, an input voltage
of 48V that rises to 72V for 5ms(max) out of every 100ms,
and a 5mA load that steps to 200mA for 50ms out of
every 250ms, what is the junction temperature rise above
ambient? Using a 500ms period (well under the time
constant of the board), power dissipation is as follows:
P1(48V in, 5mA load) = 5mA • (48V – 5V)
+ (200μA • 48V) = 0.23W
P2(48V in, 50mA load) = 200mA • (48V – 5V)
+ (8mA • 48V) = 8.98W
P3(72V in, 5mA load) = 5mA • (72V – 5V)
+ (200μA • 72V) = 0.35W
P4(72V in, 50mA load) = 200mA • (72V – 5V)
+ (8mA • 72V) = 13.98W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com