Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7392AR Datasheet(PDF) 4 Page - Analog Devices

Part # AD7392AR
Description  3 V, Parallel Input Micropower 10-/12-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7392AR Datasheet(HTML) 4 Page - Analog Devices

  AD7392AR Datasheet HTML 1Page - Analog Devices AD7392AR Datasheet HTML 2Page - Analog Devices AD7392AR Datasheet HTML 3Page - Analog Devices AD7392AR Datasheet HTML 4Page - Analog Devices AD7392AR Datasheet HTML 5Page - Analog Devices AD7392AR Datasheet HTML 6Page - Analog Devices AD7392AR Datasheet HTML 7Page - Analog Devices AD7392AR Datasheet HTML 8Page - Analog Devices AD7392AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD7392/AD7393
Rev. C | Page 4 of 20
At VREF = 2.5 V, −40°C < TA < +85°C, unless otherwise noted.
Table 2. AD7393
Parameter
Symbol
Conditions
3 V ± 10%
5 V ± 10%
Unit
STATIC PERFORMANCE
Resolution1
N
10
10
Bits
Relative Accuracy2
INL
TA = +25°C
±1.75
±1.75
LSB max
TA = −40°C, +85°C, +125°C
±2.0
±2.0
LSB max
Differential Nonlinearity2
DNL
Monotonic
±0.8
±0.8
LSB max
Zero-Scale Error
VZSE
Data = 0x000
9.0
9.0
mV max
Full-Scale Voltage Error
VFSE
TA = +25°C, +85°C, +125°C, data = 0x3FF
±32
±32
mV max
TA = −40°C, data = 0x3FF
±42
±42
mV max
Full-Scale Temperature Coefficient3
TCVFS
28
28
ppm/°C typ
REFERENCE INPUT
VREF IN Range
VREF
0/VDD
0/VDD
V min/max
Input Resistance
RREF
2.5
2.5
MΩ typ4
Input Capacitance3
CREF
5
5
pF typ
ANALOG OUTPUT
Output Current (Source)
IOUT
Data = 0x200, Δ VOUT = 5 LSB
1
1
mA typ
Output Current (Sink)
IOUT
Data = 0x200, Δ VOUT = 5 LSB
3
3
mA typ
Capacitive Load3
CL
No oscillation
100
100
pF typ
LOGIC INPUTS
Logic Input Low Voltage
VIL
0.5
0.8
V max
Logic Input High Voltage
VIH
VDD − 0.6
VDD − 0.6
V min
Input Leakage Current
IIL
10
10
μA max
Input Capacitance3
CIL
10
10
pF max
INTERFACE TIMING3, 5
Chip Select Write Width
tCS
45
45
ns
Data Setup
tDS
30
15
ns
Data Hold
tDH
20
5
ns
Reset Pulse Width
tRS
40
30
ns
AC CHARACTERISTICS
Output Slew Rate
SR
Data = 0x000 to 0x3FF to 0x000
0.05
0.05
V/μs typ
Settling Time6
tS
To ±0.1% of full scale
70
60
μs typ
Shutdown Recovery Time
tSDR
80
μs typ
DAC Glitch
Code 0x7FF to Code 0x800 to Code 0x7FF
65
65
nV/s typ
Digital Feedthrough
15
15
nV/s typ
Feedthrough
VOUT/VREF
VREF = 1.5 V dc 11 V p-p, data = 0x000, f = 100 kHz
−63
−63
dB typ
SUPPLY CHARACTERISTICS
Power Supply Range
VDD RANGE
DNL < ±1 LSB
2.7/5.5
2.7/5.5
V min/max
Positive Supply Current
IDD
VIL = 0 V, no load, TA = +25°C
55
55
μA typ
VIL = 0 V, no load
100
100
μA max
Shutdown Supply Current
IDD-SD
SHDN = 0, VIL = 0 V, no load
0.1/1.5
0.1/1.5
μA typ/max
Power Dissipation
PDISS
VIL = 0 V, no load
300
500
μW max
Power Supply Sensitivity
PSS
Δ VDD = ±5%
0.006
0.006
%/% max
1 One LSB = VREF/1024 V for the 10-bit AD7393.
2 The first two codes (0x000, 0x001) are excluded from the linearity error measurement.
3 These parameters are guaranteed by design and not subject to production testing.
4 Typicals represent average readings measured at +25°C.
5 All input control signals are specified with tR = tF = 2 ns (10% to 90% of 13 V) and timed from a voltage level of 1.6 V.
6 The settling time specification does not apply for negative going transitions within the last 3 LSBs of ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com