Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7392AR Datasheet(PDF) 7 Page - Analog Devices

Part # AD7392AR
Description  3 V, Parallel Input Micropower 10-/12-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7392AR Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7392AR Datasheet HTML 3Page - Analog Devices AD7392AR Datasheet HTML 4Page - Analog Devices AD7392AR Datasheet HTML 5Page - Analog Devices AD7392AR Datasheet HTML 6Page - Analog Devices AD7392AR Datasheet HTML 7Page - Analog Devices AD7392AR Datasheet HTML 8Page - Analog Devices AD7392AR Datasheet HTML 9Page - Analog Devices AD7392AR Datasheet HTML 10Page - Analog Devices AD7392AR Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD7392/AD7393
Rev. C | Page 7 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
AD7392
TOP VIEW
(Not to Scale)
VDD 1
VREF
20
SHDN 2
VOUT
19
CS 3
AGND
18
RS 4
DGND
17
D0 5
D11
16
D1 6
D10
15
D2 7
D9
14
D3 8
D8
13
D4 9
D7
12
D5 10
D6
11
AD7393
TOP VIEW
(Not to Scale)
NC = NO CONNECT
VDD 1
VREF
20
SHDN 2
VOUT
19
CS 3
AGND
18
RS 4
DGND
17
NC 5
D9
16
NC 6
D8
15
D0 7
D7
14
D1 8
D6
13
D2 9
D5
12
D3 10
D4
11
Figure 3. AD7392 Pin Configuration
Figure 4. AD7393 Pin Configuration
Table 4. AD7392 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD
Positive Power Supply Input. The specified range of operation is 2.7 V to 5.5 V.
2
SHDN
Power Shutdown Active Low Input. DAC register contents are saved as long as power stays on the VDD pin. When
SHDN = 0, CS strobes write new data into the DAC register.
3
CS
Chip Select Latch Enable, Active Low.
4
RS
Asynchronous Active Low Input. Resets the DAC register to 0.
5 to 16
D0 to D11
Parallel Input Data Bits. D11 is the MSB; D0 is the LSB.
17
DGND
Digital Ground.
18
AGND
Analog Ground.
19
VOUT
DAC Voltage Output.
20
VREF
DAC Reference Input. Establishes the DAC full-scale voltage.
Table 5. AD7393 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD
Positive Power Supply Input. The specified range of operation is 2.7 V to 5.5 V.
2
SHDN
Power Shutdown Active Low Input. DAC register contents are saved as long as power stays on the VDD pin.
When SHDN = 0, CS strobes write new data into the DAC register.
3
CS
Chip Select Latch Enable, Active Low.
4
RS
Asynchronous Active Low Input. Resets the DAC register to 0.
5, 6
NC
No Connect.
7 to 16
D0 to D9
Parallel Input Data Bits. D9 is the MSB; D0 is the LSB.
17
DGND
Digital Ground.
18
AGND
Analog Ground.
19
VOUT
DAC Voltage Output.
20
VREF
DAC Reference Input. Establishes the DAC full-scale voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com