Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1443CDHD Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1443CDHD
Description  Ultralow Power Quad omparators with Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1443CDHD Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1443CDHD Datasheet HTML 5Page - Linear Technology LTC1443CDHD Datasheet HTML 6Page - Linear Technology LTC1443CDHD Datasheet HTML 7Page - Linear Technology LTC1443CDHD Datasheet HTML 8Page - Linear Technology LTC1443CDHD Datasheet HTML 9Page - Linear Technology LTC1443CDHD Datasheet HTML 10Page - Linear Technology LTC1443CDHD Datasheet HTML 11Page - Linear Technology LTC1443CDHD Datasheet HTML 12Page - Linear Technology LTC1443CDHD Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LTC1443/LTC1444/LTC1445
9
144345fe
applicaTions inForMaTion
Bypassing the reference can help prevent false tripping of
the comparators by preventing glitches on the V+ or the
reference output voltage. Figure 3 shows the bypassed
reference output with a square wave applied to the V+ pin.
Resistors R1 and R2 set 10mV of hysteresis, while R3
damps the reference response. Note that the comparator
output doesn’t trip.
Hysteresis
Hysteresis can be added to the LTC1444/LTC1445 by con-
necting a resistor (R1) between the REF and HYST pins,
and a second resistor (R2) from HYST to V– (Figure 4).
Thedifferencebetweentheupperandlowerthresholdvolt-
ages or hysteresis voltage band (VHB) is equal to twice the
voltage difference between the REF and HYST pins. When
more hysteresis is added, the upper threshold increases
the same amount as the lower threshold decreases. The
maximum voltage allowed between REF and HYST is
50mV, producing a maximum hysteresis voltage band of
100mV. If hysteresis is not wanted, the HYST pin should
be shorted to REF. Acceptable values for IREF range from
0.1µA to 5µA. If 2.4M is chosen for R2, then R1(kΩ) =
VHB (mV).
IN A+
5
OUT
V+
R1
10k
R3
430
R2
2.4M
C1
1.0µF
IN A–
HYST
REF
4
14
8
5V
TO 8V
144345 F03a
LTC1445
3
9
2
–
+
1.2V
+–
V–
Figure 3a. V+ Glitching Test Circuit
Figure 3b. V+ Glitching Response
Figure 4. Programmable Hysteresis
8
R2
HYST
REF
14
R1
144345 F04
LTC1445
9
IREF
R1 =
VHB
(2)(IREF)
R2 =
IREF
VHB
2
(
)
1.221V –
V+
8V
5V
VREF
144345 F03b
OUT
2ms/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com