Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1443CDHD Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1443CDHD
Description  Ultralow Power Quad omparators with Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1443CDHD Datasheet(HTML) 1 Page - Linear Technology

  LTC1443CDHD Datasheet HTML 1Page - Linear Technology LTC1443CDHD Datasheet HTML 2Page - Linear Technology LTC1443CDHD Datasheet HTML 3Page - Linear Technology LTC1443CDHD Datasheet HTML 4Page - Linear Technology LTC1443CDHD Datasheet HTML 5Page - Linear Technology LTC1443CDHD Datasheet HTML 6Page - Linear Technology LTC1443CDHD Datasheet HTML 7Page - Linear Technology LTC1443CDHD Datasheet HTML 8Page - Linear Technology LTC1443CDHD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LTC1443/LTC1444/LTC1445
1
144345fe
Typical applicaTion
DescripTion
Ultralow Power Quad
Comparators with Reference
TheLTC®1443/LTC1444/LTC1445areultralowpowerquad
comparators with a built-in reference. The comparators
feature less than 8.5µA supply current over temperature,
an internal reference (1.182V ±1% for LTC1443 or 1.221V
±1% for LTC1444/LTC1445), programmable hysteresis
(LTC1444/LTC1445) and TTL/CMOS output (LTC1443/
LTC1445) that sinks and sources current (open-drain
output for LTC1444). The reference output can drive a
bypass capacitor of up to 0.01µF without oscillation.
The comparators operate from a single 2V to 11V supply
or a dual ±1V to ±5.5V supply (LTC1443). Comparator
hysteresis is easily programmable using two resistors and
the HYST pin (LTC1444/LTC1445). Each comparator’s
input operates from the negative supply to within 1.3V of
the positive supply. The LTC1443/LTC1445 comparator
output stage can continuously source up to 40mA. By
eliminating the cross-conducting current that normally
happenswhenthecomparatorchangeslogicstates,power
supply glitches are eliminated.
The LTC1443/LTC1444/LTC1445 are available in the
16-pin SO, PDIP and DFN packages.
FeaTures
applicaTions
n
Ultralow Quiescent Current: 8.5µA Max
n
Reference Output Drives 0.01µF Capacitor
n
Adjustable Hysteresis (LTC1444/LTC1445)
n
Wide Supply Range
Single: 2V to 11V
Dual: ±1V to ±5.5V
n
Input Voltage Range Includes the Negative Supply
n
TTL/CMOS Compatible Outputs
n
Propagation Delay: 12µs (Typ) (10mV Overdrive)
n
No Crowbar Current
n
40mA Continuous Source Current
n
Pin Compatible Upgrades for MAX924 (LTC1443)
n
Low Profile (5mm
× 4mm × 0.8mm) DFN Package
n
Battery-Powered System Monitoring
n
Threshold Detectors
n
Window Comparators
n
Oscillator Circuits
Reference Settling Test Circuit
–
+
IN A+
5
OUT
V+
1.2V
R1
10k
R3
430
R2
2.4M
C1
1.0µF
IN A–
HYST
REF
4
14
8
5V
TO 8V
144345 TA01
LTC1445
3
9
2
1.21M
1%
3.4M
1%
VIN
+–
V–
Reference Settling
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
V+
8V
5V
VREF
144345 TA02
OUT
2ms/DIV


Similar Part No. - LTC1443CDHD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1443CN LINER-LTC1443CN Datasheet
176Kb / 12P
Ultralow Power Quad Comparators with Reference
LTC1443CS LINER-LTC1443CS Datasheet
176Kb / 12P
Ultralow Power Quad Comparators with Reference
More results

Similar Description - LTC1443CDHD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1440 LINER-LTC1440 Datasheet
268Kb / 12P
Ultralow Power Single/Dual Comparator with Reference
LTC1443 LINER-LTC1443 Datasheet
176Kb / 12P
Ultralow Power Quad Comparators with Reference
LTC1841 LINER-LTC1841 Datasheet
249Kb / 12P
Ultralow Power Dual Comparators with Reference
LTC1841 LINER-LTC1841_15 Datasheet
232Kb / 12P
Ultralow Power Dual Comparators with Reference
LTC1842 LINER-LTC1842_15 Datasheet
232Kb / 12P
Ultralow Power Dual Comparators with Reference
LTC1843 LINER-LTC1843_15 Datasheet
232Kb / 12P
Ultralow Power Dual Comparators with Reference
LTC1443 LINER-LTC1443_15 Datasheet
237Kb / 14P
Ultralow Power Quad Comparators with Reference
LTC1444 LINER-LTC1444_15 Datasheet
237Kb / 14P
Ultralow Power Quad Comparators with Reference
LTC1445 LINER-LTC1445_15 Datasheet
237Kb / 14P
Ultralow Power Quad Comparators with Reference
logo
Analog Devices
ADCMP380 AD-ADCMP380 Datasheet
271Kb / 10P
Ultralow Power Voltage Comparator with Reference
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com