Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2802 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2802
Description  1.8V to 5.5V RS-232 Single and Dual Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2802 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2802 Datasheet HTML 6Page - Linear Technology LTC2802 Datasheet HTML 7Page - Linear Technology LTC2802 Datasheet HTML 8Page - Linear Technology LTC2802 Datasheet HTML 9Page - Linear Technology LTC2802 Datasheet HTML 10Page - Linear Technology LTC2802 Datasheet HTML 11Page - Linear Technology LTC2802 Datasheet HTML 12Page - Linear Technology LTC2802 Datasheet HTML 13Page - Linear Technology LTC2802 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LTC2801/LTC2802/
LTC2803/LTC2804
0
2801234fe
BOOST
REGULATOR
VEE
VDD
C3
1µF
C2
1µF
CAP
SW
C1
220nF
L1
10µH
VCC
C4
1µF
C5
220nF
*OMIT IF VL IS CONNECTED TO VCC
*
VL
1.8V TO 5.5V
1.8V TO 5.5V
2801 F06
aPPlicationS inForMation
Overview
The LTC2801 family of RS-232 transceivers operates on
a VCC supply of 1.8V to 5.5V, utilizing a switching regula-
tor to generate the necessary higher voltage rails for the
drivers. The transceivers interface with logic operating
on any supply from 1.8V to 5.5V, independent of the VCC
voltage. Depending on the device, one or two control pins
are available to invoke Shutdown, Receiver Active and
Driver Disable features.
DC-DC Converter
The on-chip DC-DC converter operates from the VCC
input, generating a 7V VDD supply and a charge pumped
–6.3V VEE supply, as shown in Figure 6. VDD and VEE
power the output stage of the drivers and are regulated
to levels that guarantee greater than
±5V output swing.
The DC-DC converter requires a 10µH inductor (L1) and
a bypass capacitor (C4) of at least 1µF. The recommended
size for the charge pump capacitor (C1) is 220nF and for
the storage capacitors (C2 and C3) is 1µF. Larger storage
capacitors up to 4.7µF may be used if C1 is kept at 20% to
50% their size and C4 is also scaled. Locate C1-C4 close
to their associated pins.
Power-Saving Modes
When the DC-DC converter and drivers are turned off (PS
and MODE or ON/OFF = logic low), VCC supply current is
reduced to 1µA. Tables 1 and 2 summarize the modes for
each device.
In Shutdown mode, VL supply current is reduced to 1µA,
and both receiver and driver outputs assume a high im-
pedance state.
In Receivers Active mode, the quiescent VL supply current
is reduced to 15µA and the driver outputs assume a high
impedance state. The receivers operate at a reduced rate
(typically 100 kbps) with hysteresis turned off.
Half-Duplex Operation
When the DC-DC converter is kept on (PS = logic high),
MODEservesasalow-latencydriverenableforhalf-duplex
operation. Each driver is enabled and disabled in less than
2µs, while each receiver remains continuously active. This
mode of operation is illustrated in Figures 15-17.
Battery Operation
To maximize battery life, connect VCC (and L1) directly to
the unregulated battery voltage and VL to the regulated
supply, as shown in Figure 22. This configuration typically
minimizes conversion loss while providing compatibility
with system logic levels.
Inductor Selection
A 10µH inductor with a saturation current (ISAT) rating
of at least 200mA and low DCR (copper wire resistance)
is recommended. Some small inductors meeting these
requirements are listed in Table 3.
Figure 6. DC/DC Converter and Recommended Bypassing
VL Logic Supply
AseparatelogicsupplypinVLallowstheLTC2801familyto
interface with any logic signal from 1.8V to 5.5V, as shown
in Figure 7. Simply connect the desired logic supply to
VL. There is no interdependency between VCC and VL; they
may simultaneously operate at any voltage from 1.8V to
5.5Vandsequenceinanyorder.IfVLispoweredseparately
from VCC, bypass VL with a 220nF capacitor (C5).
Figure 7. VCC and VL Are Independent
ANY VOLTAGE FROM
1.8V TO 5.5V
ANY VOLTAGE FROM
1.8V TO 5.5V
VL
VCC
EXTERNAL
DEVICE
RS-232
2801 F07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com