Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2802 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2802
Description  1.8V to 5.5V RS-232 Single and Dual Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2802 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2802 Datasheet HTML 7Page - Linear Technology LTC2802 Datasheet HTML 8Page - Linear Technology LTC2802 Datasheet HTML 9Page - Linear Technology LTC2802 Datasheet HTML 10Page - Linear Technology LTC2802 Datasheet HTML 11Page - Linear Technology LTC2802 Datasheet HTML 12Page - Linear Technology LTC2802 Datasheet HTML 13Page - Linear Technology LTC2802 Datasheet HTML 14Page - Linear Technology LTC2802 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image

2801234fe
LTC2801/LTC2802/
LTC2803/LTC2804
Table 3. Recommended Inductors
PART
NUMBER
ISAT
(mA)
MAX DCR
(Ω)
SIZE
(mm)
MANUFACTURER
LQH2MCN100K02L 225
1.2
2
× 1.6 × 0.95 Murata
www.murata.com
LBC2016T100K
245
0.85
2
× 1.6 × 1.6 Taiyo Yuden
www.t-yuden.com
FSLB2520-100K
220
1.1
2.5
× 2 × 1.6 Toko
www.tokoam.com
Capacitor Selection
The small size of ceramic capacitors makes them ideal for
the LTC2801 family. X5R and X7R (preferred) types are
recommendedbecausetheirESRislowandtheyretaintheir
capacitance over relatively wide voltage and temperature
ranges. Use a voltage rating of at least 10V.
Table 4. Recommended Ceramic Capacitor Manufacturers
MANUFACTURER
URL
Murata
www.murata.com
TDK
www.tdk.com
Taiyo Yuden
www.t-yuden.com
AVX
www.avxcorp.com
Kemet
www.kemet.com
Inrush Current and Supply Overshoot Precaution
In certain applications, such as battery-operated and
wall-adapter devices, fast supply slew rates are generated
when power is connected. If VCC’s voltage is greater than
4.5V and its rise time is faster than 10µs, the pins VDD
and SW can exceed their ABS MAX values during start-
up. When supply voltage is applied to VCC, the voltage
difference between VCC and VDD generates inrush current
VL
VL
VCC
VCC
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
C1
C1
C5
C5
C3
C3
TOP VIEW
= VIA
TOP VIEW
= VIA
C4
C4
C2
C2
L1
L1
2801 F09
SW
CAP
VDD
GND
SCALE R1 WITH C1, C2, 1/C4
C1
220nF
L1
10µH
4.5V TO 5.5V
VCC
R1
1
1/8W
C4
1µF
C2
1µF
INRUSH
CURRENT
2801 F08
aPPlicationS inForMation
flowing through inductor L1 and capacitors C1, C2. The
peak inrush current must not exceed 2A. To avoid this
condition, add a 1Ω resistor as shown in Figure 8. This
precaution is not relevant for supply voltages below 4.5V
or rise times longer than 10µs.
Board Layout
The board layout should minimize the length and area of
the SW and CAP traces. Suggested compact layouts for
the LTC2801 family are shown in Figure 9 (a) and (b).
Figure 9. Recommended Board Layouts for (a) Single and
(b) Dual Transceiver Parts
Figure 8. Supply Overshoot Protection for Input
Supplies of 4.5V or Higher



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com