Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4898-2YRDZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4898-2YRDZ-R7
Description  High Voltage, Low Noise, Low Distortion,Unity-Gain Stable, High Speed Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4898-2YRDZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4898-2YRDZ-R7 Datasheet HTML 5Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 6Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 7Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 8Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 9Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 10Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 11Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 12Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
ADA4898-1/ADA4898-2
Rev. D | Page 9 of 20
–20
–10
0
10
20
30
40
50
60
70
80
110
90
100
FREQUENCY (Hz)
100k
1M
1G
10M
100M
PHASE
GAIN
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
–180
–190
–200
ΔVOUT = ±5V
VS = ±15V
Figure 19. Open-Loop Gain and Phase vs. Frequency
FREQUENCY (Hz)
–140
–120
–100
–80
–60
–40
–20
0
100k
1M
10M
G = +1, HD2
G = +1, HD3
G = +2, HD3, RF = 250Ω
G = +2, HD2, RF = 250Ω
RL = 1kΩ
VS = ±15V
VOUT = 2V p-p
Figure 20. Harmonic Distortion vs. Frequency and Gain
FREQUENCY (Hz)
–140
–120
–100
–80
–60
–40
–20
0
100k
1M
10M
RL = 1kΩ, HD3
RL = 100Ω, HD3
G = +1
VS = ±15V
VOUT = 2V p-p
RL = 1kΩ, HD2
RL = 100Ω, HD2
Figure 21. Harmonic Distortion vs. Frequency and Loads
1
OUTPUT VOLTAGE (V p-p)
–135
–125
–120
–130
–115
–110
–105
–100
–95
2
3
4
5
6
HD2
HD3
f = 100kHz
G = +1
RL = 1kΩ
VS = ±15V
Figure 22. Harmonic Distortion vs. Output Amplitude
FREQUENCY (Hz)
–140
–120
–100
–80
–60
–40
–20
0
100k
1M
10M
RL = 1kΩ, HD3
RL = 100Ω, HD3
RL = 100Ω, HD2
G = +1
VS = ±5V
VOUT = 2V p-p
RL = 1kΩ, HD2
Figure 23. Harmonic Distortion vs. Frequency and Loads
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
CL = 0pF
CL = 5pF
CL = 15pF
CL = 33pF
TIME (20ns/DIV)
VOUT = 100mV p-p
G = +1
RL= 1kΩ
VS = ±15V
Figure 24. Small Signal Transient Response for Various Capacitive Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com