Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4898-2YRDZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADA4898-2YRDZ-R7
Description  High Voltage, Low Noise, Low Distortion,Unity-Gain Stable, High Speed Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4898-2YRDZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA4898-2YRDZ-R7 Datasheet HTML 11Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 12Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 13Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 14Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 15Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 16Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 17Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 18Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet
ADA4898-1/ADA4898-2
Rev. D | Page 15 of 20
APPLICATIONS INFORMATION
HIGHER FEEDBACK RESISTOR GAIN OPERATION
The ADA4898 schematic for the noninverting gain
configuration shown in Figure 47 is nearly a textbook example.
The only exception is the feedback capacitor in parallel with
the feedback resistor, RF, but this capacitor is recommended
only when using a large RF value (>300 Ω). Figure 48 shows the
difference between using a 100 Ω resistor and a 1 kΩ feedback
resistor. Due to the high input capacitance in the ADA4898 when
using a higher feedback resistor, more peaking appears in the
closed-loop gain. Using the lower feedback resistor resolves this
issue; however, when running at higher supplies (±15 V) with
an RF of 100 Ω, the system draws a lot of extra current into the
feedback network. To avoid this problem, a higher feedback
resistor can be used with a feedback capacitor in parallel. Figure 48
shows the effect of placing a feedback capacitor in parallel with
a larger RF. In this gain-of-2 configuration, RF = RG = 1 kΩ and
CF = 2.7 pF. When using CF, the peaking drops from 6 dB to less
than 2 dB.
VIN
VOUT
10µF
+VS
–VS
RT
RL
10µF
CF
RF
RF
0.1µF
0.1µF
Figure 47. Noninverting Gain Schematic
–15
–12
–9
–6
–3
0
3
6
9
12
FREQUENCY (Hz)
100k
10M
1M
100M
RF = 1kΩ, CF = 2.7pF
RF = 1kΩ
RF = 100Ω
G = +2
RL = 1kΩ
VS = ±15V
Figure 48. Small Signal Frequency Response for
Various Feedback Impedances
RECOMMENDED VALUES FOR VARIOUS GAINS
Table 8 provides a useful reference for determining various gains
and associated performance. RF is set to 100 Ω for gains greater
than 1. A low feedback RF resistor value reduces peaking and
minimizes the contribution to the overall noise performance
of the amplifier.
Table 8. Gains and Recommended Resistor Values Associated with Them (Conditions: VS = ±5 V, TA = 25°C, RL = 1 kΩ, RT = 49.9 Ω)
Gain
RF (Ω)
RG (Ω)
−3 dB SS BW (MHz),
VOUT = 100 mV p-p
Slew Rate (V/µs),
VOUT = 2 V Step
ADA4898 Voltage
Noise (nV/√Hz), RTO
Total System Noise
(nV/√Hz), RTO
+1
0
N/A
65
55
0.9
1.29
+2
100
100
30
50
1.8
3.16
+5
100
24.9
9
45
4.5
7.07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com