Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2970CUFD Datasheet(PDF) 28 Page - Linear Technology

Part # LTC2970CUFD
Description  Dual I2C Power Supply Monitor and
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2970CUFD Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC2970CUFD Datasheet HTML 24Page - Linear Technology LTC2970CUFD Datasheet HTML 25Page - Linear Technology LTC2970CUFD Datasheet HTML 26Page - Linear Technology LTC2970CUFD Datasheet HTML 27Page - Linear Technology LTC2970CUFD Datasheet HTML 28Page - Linear Technology LTC2970CUFD Datasheet HTML 29Page - Linear Technology LTC2970CUFD Datasheet HTML 30Page - Linear Technology LTC2970CUFD Datasheet HTML 31Page - Linear Technology LTC2970CUFD Datasheet HTML 32Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
LTC2970/LTC2970-1
28
29701fc
APPLICATIO S I FOR ATIO
4-Step Resistor Selection Procedure for DC/DC
Converters with External Feedback Resistors
The following 4-step procedure should be used to quickly
calculate the resistor values shown for the Typical Applica-
tion Circuit shown in Figure 1.
1. Assume values for feedback resistor R20 and the
nominal DC/DC converter output voltage VDC0,NOM, and
solve for R10.
VDC0,NOM is the desired output voltage of the DC/DC con-
verter when the LTC2970’s VOUT0 pin is in a high impedance
state. VFB0 is the voltage at the converter’s feedback node
when the loop is in regulation, and IFB0 is the feedback
node’s input current.
R
RV
VI
R
V
FB
DC NOM
FB
FB
10
20
20
0
00
=
•
−•
−
,
(1)
2. Solve for the maximum value of R30 that yields the
maximum required DC/DC converter output voltage
VDC0,max.
When VOUT0 is at 0V, the output of the DC/DC converter
is at its maximum voltage. Note that the 10mV term cor-
responds to the maximum offset voltage of the IDAC 1X
voltage buffer.
R
RV
mV
VV
FB
DC MAX
DC NOM
30
20
10
≤
•−
()
−
,,
(2)
3. Solve for the minimum value of R40 that’s needed
to yield the minimum required DC/DC converter output
voltage VDC0,MIN.
The DC/DC converter output voltage will be a minimum
when IDAC0 is at its full-scale current. In order to guarantee
that R40 is large enough, assume that IDAC0’s full-scale
current is at the datasheet minimum of 236μA.
R
VV
R
R
VmV
A
DC NOM
DC MIN
FB
40
30
20
10
236
≥
−
()•+ +
,,
μ
(3)
4. Re-calculate the minimum, nominal, and maximum
DC/DC converter output voltages and the resulting mar-
gining resolution.
VV
R
R
IR
DC NOM
FB
FB
0
1
20
10
20
,
=• +
⎛
⎝⎜
⎞
⎠⎟
+•
(4)
VV
R
R
RA V
m
DC MIN
DC NOM
FB
00
0
20
30
40 236
10
,,
≤−
•
•−
−
μ
V
V
()
(5)
VV
R
R
VmV
DC MAX
DC NOM
FB
00
0
20
30
10
,,
≥+
•
−
()
(6)
The margining resolution is bounded by:
V
R
R
RA
RES ≤
••
20
30
40 276
256
μ
volts/DAC LSB
(7)
Margining DC/DC Converters with a TRIM Pin
Figure 2 illustrates a typical application circuit for margining
the output voltage of a DC/DC converter with a TRIM Pin.
The LTC2970’s VOUT0 pin connects directly to the TRIM
pin through resistor R30 and the IOUT0 pin is terminated
at the converter's point-of-load ground throught R40.
Resistors R30 and R40 give this application circuit two
degrees of freedom so that the margin-up and margin-
down percentages can be specified independently.
Following power-up, the LTC2970's VOUT0 pin defaults to a
high-impedance state. If the soft-connect feature is used,
Figure 2. LTC2970 Application Circuit for
DC/DC Converters with a TRIM Pin
VO+
VSENSE–
VSENSE+
R40
0.1
μF
0.1
μF
TRIM
1/2 LTC2970
VOUT0
VIN0_AP
VDC0
+
–
IOUT0
VIN0_AM
ALERT
SCL
I2C BUS
SDA
GPIO_0
REF
12VIN
GND ASEL0 ASEL1
LOAD
VDD
GPIO_CFG
DC/DC
CONVERTER
VO–
R30
29701 F02
ON/OFF
VIN
8V TO 15V
0.1
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com