Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2970CUFD Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2970CUFD
Description  Dual I2C Power Supply Monitor and
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2970CUFD Datasheet(HTML) 3 Page - Linear Technology

  LTC2970CUFD Datasheet HTML 1Page - Linear Technology LTC2970CUFD Datasheet HTML 2Page - Linear Technology LTC2970CUFD Datasheet HTML 3Page - Linear Technology LTC2970CUFD Datasheet HTML 4Page - Linear Technology LTC2970CUFD Datasheet HTML 5Page - Linear Technology LTC2970CUFD Datasheet HTML 6Page - Linear Technology LTC2970CUFD Datasheet HTML 7Page - Linear Technology LTC2970CUFD Datasheet HTML 8Page - Linear Technology LTC2970CUFD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LTC2970/LTC2970-1
3
29701fc
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power-Supply Characteristics
IV12
12VIN Supply Current
V12VIN = 12V, VDD Floating
●
4.24
7.5
mA
IDD
VDD Supply Current
VDD = 5V, V12VIN = VDD
●
3.7
5
mA
VLKO
VDD Undervoltage Lockout
VDD Ramping-Down, V12VIN = VDD
●
3.7
4.14
4.4
V
VDD Undervoltage Lockout Hysteresis
118
mV
VDD
Supply Input Operating Range
●
4.5
5.75
V
Regulator Output Voltage
8V ≤ V12VIN ≤ 15V, –1mA ≤ IVDD ≤ 0
●
4.75
4.95
5.25
V
Regulator Output Voltage
Temperature Coefficient
10
ppm/°C
Regulator Output Voltage Load
Regulation
–1mA ≤ IVDD ≤ 0
160
ppm/mA
Regulator Line Regulation
8V ≤ V12VIN ≤ 15V, IVDD = 0mA
80
ppm/V
Regulator Output Short-Circuit Current V12VIN = 12V, VDD = 0V
●
–5
–34
–63
mA
V12VIN
12VIN Supply Operating Range
●
815
V
Voltage Reference Characteristics
VREF
Reference Output Voltage
1.229
V
Reference Voltage Temperature
Coefficient
2
ppm/°C
Reference Overdrive Voltage Input
Range
●
11.5
V
ADC Characteristics
N_ADC
Resolution
N_ADC = 8.192V/16384
500
μV/LSB
TUE_ADC
Total Unadjusted Error
VIN = 3V, VIN = VINn_xP – VINn_xM (Note 3)
●
±0.5
%
INL_ADC
Integral Nonlinearity
(Note 4)
●
–4.5
2
4.5
LSB
DNL_ADC
Differential Nonlinearity
(Note 7)
●
±0.5
LSB
VIN_ADC
Input Voltage Range
●
06
V
VOS_ADC
Offset Error
●
–1000
–316
1000
μV
Offset Error Drift
0.19
μV/°C
GAIN_ADC
Gain Error
Full-Scale VIN = 6V
●
±0.4
%
Gain Error Drift
3
ppm/°C
TCONV_ADC
Conversion Time
33.3
ms
CIN_ADC
Input Sampling Capacitance
3pF
FIN_ADC
Input Sampling Frequency
61.4
kHz
ILEAK_ADC
Input Leakage Current
0V < VIN < 6V
●
±0.1
μA
IDAC Output Current Characteristics
N_IOUT
Resolution (Guaranteed Monotonic)
8
Bits
INL_IOUT
Integral Nonlinearity
VIOUTn < VDD – 1.5V
●
±1
LSB
DNL_IOUT
Differential Nonlinearity
VIOUTn < VDD – 1.5V
●
±1
LSB
IFS-IOUT
Full-Scale Output Current
VIOUTn < VDD – 1.5V, DAC Code = 'hff
●
–236
–255
–276
μA
IDRIFT-IOUT
Output Current Drift
DAC Code = 'hff
32
ppm/°C
IOS-IOUT
Offset Current
DAC Code = 'h00
●
±0.1
μA
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V12VIN = 12V, VDD and REF pins floating unless otherwise indicated,
CVDD = 100nF and CREF = 100nF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com