Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4154BCPZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADF4154BCPZ
Description  Fractional-N Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4154BCPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF4154BCPZ Datasheet HTML 3Page - Analog Devices ADF4154BCPZ Datasheet HTML 4Page - Analog Devices ADF4154BCPZ Datasheet HTML 5Page - Analog Devices ADF4154BCPZ Datasheet HTML 6Page - Analog Devices ADF4154BCPZ Datasheet HTML 7Page - Analog Devices ADF4154BCPZ Datasheet HTML 8Page - Analog Devices ADF4154BCPZ Datasheet HTML 9Page - Analog Devices ADF4154BCPZ Datasheet HTML 10Page - Analog Devices ADF4154BCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADF4154
Rev. C | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
Loop bandwidth = 20 kHz; reference = 250 MHz; VCO = Vari-L Company, Inc., VCO190-1750T; evaluation board = EVAL-ADF4154EB1;
measurements taken with the Agilent E5500 phase noise measurement system.
–30
–60
–80
–140
–130
–120
–110
–150
–160
–170
–90
–100
–70
–50
–40
20kHz LOOP BW, LOW NOISE MODE
RF = 1.7202MHz, PFD = 25MHz, N = 68,
FRAC = 101, MOD = 125, ICP = 625µA, DSB
INTEGRATED PHASE ERROR = 0.23° rms
SIRENZA 1750T VCO
1k
10k
1M
10M
100M
100k
FREQUENCY (Hz)
Figure 5. Single-Sideband Phase Noise Plot (Lowest Noise Mode)
–30
–60
–80
–140
–130
–120
–110
–150
–160
–170
–90
–100
–70
–50
–40
1k
10k
1M
10M
100M
100k
FREQUENCY (Hz)
20kHz LOOP BW, LOW NOISE AND SPUR MODE
RF = 1.7202MHz, PFD = 25MHz, N = 68,
FRAC = 101, MOD = 125, ICP = 625µA, DSB
INTEGRATED PHASE ERROR = 0.33° rms
SIRENZA 1750T VCO
Figure 6. Single-Sideband Phase Noise Plot
(Low Noise Mode and Spur Mode)
–30
–60
–80
–140
–130
–120
–110
–150
–160
–170
–90
–100
–70
–50
–40
1k
10k
1M
10M
100M
100k
FREQUENCY (Hz)
20kHz LOOP BW, LOW SPUR MODE
RF = 1.7202MHz, PFD = 25MHz, N = 68,
FRAC = 101, MOD = 125, ICP = 625µA, DSB
INTEGRATED PHASE ERROR = 0.36° rms
SIRENZA 1750T VCO
Figure 7. Single-Sideband Phase Noise Plot (Lowest Spur Mode)
PHASE DETECTOR FREQUENCY (kHz)
–130
–140
–150
–160
–170
100
1000
10000
100000
Figure 8. PFD Noise Floor vs. PFD Frequency (Lowest Noise Mode)
FREQUENCY (GHz)
5
0
–5
–10
–20
–15
–25
–30
–35
0
0.5
1.0
1.5
4.0
3.5
3.0
2.5
2.0
4.5
P = 4/5
P = 8/9
Figure 9. RF Input Sensitivity
VCP (V)
6
0
–6
4
2
–2
–4
–5
–3
–1
1
3
5
0
1
2
3
4
5
Figure 10. Charge Pump Output Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com