Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4154BCPZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADF4154BCPZ
Description  Fractional-N Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4154BCPZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADF4154BCPZ Datasheet HTML 16Page - Analog Devices ADF4154BCPZ Datasheet HTML 17Page - Analog Devices ADF4154BCPZ Datasheet HTML 18Page - Analog Devices ADF4154BCPZ Datasheet HTML 19Page - Analog Devices ADF4154BCPZ Datasheet HTML 20Page - Analog Devices ADF4154BCPZ Datasheet HTML 21Page - Analog Devices ADF4154BCPZ Datasheet HTML 22Page - Analog Devices ADF4154BCPZ Datasheet HTML 23Page - Analog Devices ADF4154BCPZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
ADF4154
Rev. C | Page 21 of 24
PCB DESIGN GUIDELINES FOR CHIP SCALE
PACKAGE
The lands on the chip scale package (CP-20-1) are rectangular.
The printed circuit board pad for these should be 0.1 mm
longer than the package land length and 0.05 mm wider than
the package land width. The land should be centered on the
pad. This ensures that the solder joint size is maximized.
The bottom of the chip scale package has a central thermal pad.
The thermal pad on the printed circuit board should be at least
as large as this exposed pad. On the printed circuit board, there
should be a clearance of at least 0.25 mm between the thermal
pad and the inner edges of the pad pattern to avoid shorting.
Thermal vias may be used on the printed circuit board thermal
pad to improve thermal performance of the package. If vias
are used, they should be incorporated into the thermal pad at
1.2 mm pitch grid. The via diameter should be between 0.3 mm
and 0.33 mm, and the via barrel should be plated with 1 oz of
copper to plug the via.
The user should connect the printed circuit board thermal pad
to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com