Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5375-15ACPZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADL5375-15ACPZ-R7
Description  400 MHz to 6 GHz Broadband Quadrature Modulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5375-15ACPZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADL5375-15ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADL5375-15ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADL5375-15ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADL5375-15ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADL5375-15ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADL5375-15ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADL5375-15ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADL5375-15ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADL5375-15ACPZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
Data Sheet
ADL5375
Rev. C | Page 31 of 36
Table 9. Evaluation Board Description and Configuration Options
Component
Description
Default Condition/Option
Settings
VPOS, GND Test Points
Power supply and ground test points for clip leads
Red = 5 V, black = GND
S1 Switch, R6, R15
DSOP output disable select
Position A = output enabled
Position B = output disabled
R15 = 49.9 Ω (0603)
R6 = 10 kΩ (0603)
R7, R12
AC limiting resistors
R7, R12 = 100 Ω (0603)
C16 to C18, R14, R16, R18,
R19
LO input filter components
R14 , R18 = 0 Ω (0603)
R16, R19, C16 to C18 = open
(0603)
C6, C7
LO driving capacitor
C6, C7 = 100 pF (0402)
LOIP SMA, R17, R20, R21,
R22, T1, T2, T2A
Single-ended local oscillator input
R17 = 0 Ω (0603)
R20 = open (0402)
R21 = 0 Ω (0402)
R22 = open (0603)
T1, T2, T2A = open
LOIN SMA, R16, R17, R19,
R20,
Optional differential LO input at LOIN
R16, R19 = 0 Ω (0603)
R21, R22, T1, T2, T2A
R20, R21 = 0 Ω (0402)
R17, R22 = open (0603)
T1, T2, T2A = open
LOIP SMA, T1 (or T2, T2A),
R17, R20, R21, R22
Optional differential LO driving with Balun at LOIP
R17 = open (0603)
R20, R21 = open (0402)
R22 = 0 Ω (0603)
T1 = TC1-1-43A+ or
T2 = 3600BL14M050 or T2A =
5400BL15B050
C100, C101
Frequency tuning capacitors for RF driver amplifier
Tuning for 1805 MHz to
2170 MHz
Refer to the ADL5320 datasheet for the exact position according to the frequency
C100 = 0.5 pF (0402) C101 =
1.5 pF (0402)
C1
AC-coupling capacitor connects ADL5375 RF output to MOD_OUT RF connector or to
ADL5320 RF input
C1 = 100 pF (0402)
R1
Resistor connects ADL5375 RF output to MOD_OUT (AMP_IN) SMA
To check ADL5375 performance itself, a 0 Ω should be inserted at R1 and open R2.
R1 = open (0402)
To check ADL5320 performance itself, a 0 Ω should be inserted at R1 and R2
R2
Resistor connects ADL5375 RF output to ADL5320 RF input
R2 = 0 Ω (0402)
U1
ADL5375 quadrature modulator
ADL5375-05 or ADL5375-15
U2
SOT-89 RF driver amplifier
ADL5320
L1
DC bias Inductor
L1 = 15 nH(0603)
C2, C3, C4, C5, C9, C10, C11
Power supply bypassing capacitors
C2, C3 = 100 pF (0402)
C4, C5 = 0.1 µF (0402)
C9 = 10 µF (1206)
C10 = 10 nF (0603)
C11 = 22 pF (0603)
R13
Resistor to share power supply between the ADL5375 and the ADL5320. To turn
on the ADL5320, a 0 Ω resistor should be installed in this location.
R13 = 0 Ω (0603)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com