Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5375-15ACPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADL5375-15ACPZ-R7
Description  400 MHz to 6 GHz Broadband Quadrature Modulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5375-15ACPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADL5375-15ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5375-15ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5375-15ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5375-15ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5375-15ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5375-15ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5375-15ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5375-15ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADL5375-15ACPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
Data Sheet
ADL5375
Rev. C | Page 23 of 36
Sideband suppression is discussed further in AN-1100, Wireless
Transmitter IQ Balance and Sideband Suppression, as well as in
AN-1039, Correcting Imperfections in IQ Modulators to Improve
RF Signal Fidelity.
INTERFACING THE ADF4350 PLL TO THE ADL5375
With an output frequency range of 137.5 to 4.4 GHz, a high
performance integrated VCO and an LO output power level
that can be programmed from −4 dBm to +5 dBm, the
ADF4350 wideband synthesizer is ideally suited to drive the
ADL5375 LO port.
Care must be taken to adequately suppress the harmonics of the
LO signal from the PLL. VCOs typically have a third harmonic
power of approximately −10 dBc. A large third harmonic on the
LO degrades the quality of the quadrature generation inside the
IQ Modulator. The third harmonic should be suppressed to a
level of –30 dBc or lower to prevent quadrature degradation. So
approximately 20 dB of attenuation is required to get the third
harmonic below −30 dBc. Figure 57 shows PLL modulator
interfaces schematic that for this operation at four different
frequencies, and Table 4 shows the optimized components value
of Figure 57. Because filtering of the third harmonic is most
critical, and to ensure wide frequency range coverage, the 3 dB
corner of the filters have been set to approximately 1.2~1.5
times the maximum desired LO frequency. A Chebyshev filter
topology at 100 Ω differential source impedance and 50 Ω
differential load impedance was used for optimal performance.
ADF4350
12
RFOUTA+
13
RFOUTA–
ADL5375
3
LOIP
4
LOIN
L1
L2
1nF
L1
L2
1nF
C1a
C1a
C1c
C2a
C2a
C2c
C3a
C3a
C3c
ZBIAS
ZBIAS
120pF
120pF
0.1µF
3.3V
R1
Figure 57. PLL-Modulator Interface Schematic
Table 4. PLL Modulator Interface Components Values (DNI = Do Not Insert)
Frequency Range (MHz)
Zbias (nH)
R1 (Ω)
L1 (nH)
L2 (nH)
C1a (pF)
C1c (pF)
C2a
C2c (pF)
C3a (pF)
C3c (pF)
500 to 1300
27
100
3.9
3.9
DNI
4.7
DNI
5.6
DNI
3.3
850 to 2450
19
100
2.7
2.7
3.3
DNI
4.7
DNI
3.3
DNI
1250 to 2800
7.5
100
0 Ω
3.6
DNI
DNI
2.2
DNI
1.5
DNI
2800 to 4400
3.9
100
0 Ω
0 Ω
DNI
DNI
DNI
DNI
DNI
DNI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com