Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6010SCPZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL6010SCPZN-R7
Description  Fast Responding, 45-dB Range 500 MHz to 40 GHz Power Detector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6010SCPZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL6010SCPZN-R7 Datasheet HTML 1Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 2Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 3Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 4Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 5Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 6Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 7Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 8Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Fast Responding, 45-dB Range
500 MHz to 40 GHz Power Detector
Preliminary Technical Data
ADL6010
Rev. PrB
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license isgranted by implication or otherwise under any patent or patent rightsof Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2013 Analog Devices, Inc. All rights reserved.
FEATURES
State-of-the-Art Broadband Detector Technology
Schottky Diode Front End with on-Chip Linearization
Boardband 50 ohm Input Impedance
Accurate Response from 0.5 GHz to 40 GHz
Input Range of -30 dBm to +15 dBm re 50Ω
Unity Gain Scaled Linear in V/V Output
Fast Incremental Envelope Response: >20MHz
Low Power Consumption: 3.0 mA at 5V
2 mm × 2 mm, 6-lead LFCSP package
APPLICATIONS
High-precision Microwave Instrumentation
Point-to-Point Power-Level Control
Collision-Avoidance Systems
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional block diagram
GENERAL DESCRIPTION
The ADL6010 is a versatile, broadband RF envelope detector.
The envelope output voltage is presented as a voltage that is
proportional to the envelope of the input signal. Absolute power
measurement can be made with a simple low pass filter design
at the output of the ADL6010.
The ADL6010 provides state-of-the-art accuracy and stability
over time and temperature, in a simple 6-pin format. It features
a novel detector cell using Schottky diodes and a proprietary
linearizing system. The device has a specified input power,
relative to a 50-Ω environment ranges, of −30 dBm to +15 dBm.
Traditional diode-based detectors exhibit significant even-order
nonlinearity, due to source loading, generating distortion
components which are reflected into the signal source. The
ADL6010 detector does not exhibit this behavior – an
important benefit in applications where a low-ratio coupler is
used to extract a sample of the primary signal.
The supply voltage may range from 3.3 V up to 5.5 V, with no
degradation in the response accuracy. The zero-signal current
consumption is less than 3 mA.
The ADL6010 operates from −55°C to +125°C and is available
in a 6-lead, 2 mm × 2 mm LFCSP package.


Similar Part No. - ADL6010SCPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL6010SCPZN-R7 AD-ADL6010SCPZN-R7 Datasheet
1Mb / 22P
Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
REV. A
ADL6010SCPZN-R7 AD-ADL6010SCPZN-R7 Datasheet
1Mb / 22P
Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
Jun-2017
ADL6010SCPZN-R7 AD-ADL6010SCPZN-R7 Datasheet
1Mb / 23P
Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
Rev. E
More results

Similar Description - ADL6010SCPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8312 AD-AD8312_05 Datasheet
1Mb / 20P
50 MHz to 3.5 GHz, 45 dB RF Detector
4/05-Revision 0
AD8314 AD-AD8314_06 Datasheet
495Kb / 20P
100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
5/06-Rev. A to Rev. B
logo
Texas Instruments
LMH2121TME TI-LMH2121TME Datasheet
1Mb / 30P
LMH2121 3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
logo
Analog Devices
AD8314ACPZ AD-AD8314ACPZ Datasheet
492Kb / 20P
100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
AD8312 AD-AD8312_15 Datasheet
1Mb / 20P
50 MHz to 3.5 GHz, 45 dB RF Detector
REV. A
ADL6010 AD-ADL6010 Datasheet
1Mb / 22P
Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
REV. A
logo
Texas Instruments
LMH2121 TI1-LMH2121 Datasheet
1Mb / 30P
3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
logo
Analog Devices
ADL5506 AD-ADL5506 Datasheet
1Mb / 24P
30 MHz to 4.5 GHz, 45 dB RF Detector
Rev. A
ADL6010 AD-ADL6010_17 Datasheet
1Mb / 22P
Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
Jun-2017
ADL6010 AD-ADL6010_V01 Datasheet
1Mb / 23P
Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com