Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6010SCPZN-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL6010SCPZN-R7
Description  Fast Responding, 45-dB Range 500 MHz to 40 GHz Power Detector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6010SCPZN-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL6010SCPZN-R7 Datasheet HTML 2Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 3Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 4Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 5Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 6Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 7Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 8Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 9Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Preliminary Technical Data
ADL6010
Rev. PrB | Page 9 of 10
EVALUATION BOARD
The ADL6010-EVALZ is a fully populated, 4-layer, Rogers
4003-based evaluation board. For normal operation, it requires
a 5V/27mA power supply. The 5V power supply must be
connected to the VPOS and GND test loops. The RF input
signal is applied to the 2.92 mm connector (RFIN). The output
voltage is available on the SMA connector (VOUT) or on the
test loop (V_VOUT). Configuration options for the evaluation
board are listed in Table
5.
Figure 13 ADL6010 Evaluation Board Schematics
Table 5. Evaluation Board Configuration Options
Component
Function/Notes
Default Value
R2, R3
Output interface. A 100 ohm series resistor should be used in the presence of large
capacitive loads. R3 can be replaced with a 0 ohm resistor.
R2 = 100 Ω (size: 0402)
R3 = 100 Ω (size: 0402)
C2
Bypass capacitor. It provides supply ac decoupling by forming a return path for the
ac signal and reduces the noise at the input end. The nominal value is 0.1μF.
C2 = 0.1μF (size: 0402)
RFIN
RF Input. Southwest microwave 2.92 mm connector is used for input interface.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com