Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM660AR Datasheet(PDF) 3 Page - Analog Devices

Part # ADM660AR
Description  CMOS Switched-Capacitor Voltage Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM660AR Datasheet(HTML) 3 Page - Analog Devices

  ADM660AR Datasheet HTML 1Page - Analog Devices ADM660AR Datasheet HTML 2Page - Analog Devices ADM660AR Datasheet HTML 3Page - Analog Devices ADM660AR Datasheet HTML 4Page - Analog Devices ADM660AR Datasheet HTML 5Page - Analog Devices ADM660AR Datasheet HTML 6Page - Analog Devices ADM660AR Datasheet HTML 7Page - Analog Devices ADM660AR Datasheet HTML 8Page - Analog Devices ADM660AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. B
ADM660/ADM8660
–3–
Power Dissipation, RU-16 . . . . . . . . . . . . . . . . . . . . . 500 mW
(Derate 6 mW/
°C above +50°C)
θ
JA, Thermal Impedance
. . . . . . . . . . . . . . . . . . . . 158
°C/W
Operating Temperature Range
Industrial (A Version) . . . . . . . . . . . . . . . . – 40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . +300
°C
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >2000 V
*This is a stress rating only; functional operation of the device at these or any other
conditions above those indicated in the operation section of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods
may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
*
(TA = +25
°C, unless otherwise noted.)
Input Voltage (V+ to GND, GND to OUT) . . . . . . . . +7.5 V
LV Input Voltage . . . . . . . . . . (OUT – 0.3 V) to (V+, +0.3 V)
FC and OSC Input Voltage
. . . . . . . . . . . (OUT – 0.3 V) or (V+, –6 V) to (V+, +0.3 V)
OUT, V+ Output Current (Continuous) . . . . . . . . . . . 120 mA
Output Short Circuit Duration to GND . . . . . . . . . . . 10 secs
Power Dissipation, N-8 . . . . . . . . . . . . . . . . . . . . . . . 625 mW
(Derate 8.3 mW/
°C above +50°C)
θJA, Thermal Impedance . . . . . . . . . . . . . . . . . . . . 120°C/W
Power Dissipation, R-8 . . . . . . . . . . . . . . . . . . . . . . . 450 mW
(Derate 6 mW/
°C above +50°C)
θJA, Thermal Impedance . . . . . . . . . . . . . . . . . . . . 170°C/W
ORDERING GUIDE
Temperature
Package
Model
Range
Options
*
ADM660AN
–40
°C to +85°C
N-8
ADM660AR
–40
°C to +85°CR-8
ADM660ARU
–40
°C to +85°C
RU-16
ADM8660AN
–40
°C to +85°C
N-8
ADM8660AR
–40
°C to +85°CR-8
*N = Plastic DIP; RU = Thin Shrink Small Outline; RN = Small Outline.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADM660/ADM8660 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com