Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM660AR Datasheet (PDF) - Analog Devices

ADM660AR Datasheet PDF - Analog Devices
Part # ADM660AR
Download  ADM660AR Download
File Size   288.45 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS Switched-Capacitor Voltage Converters

ADM660AR Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM660AR Datasheet PDF - Analog Devices

Part # ADM660AR
Download  ADM660AR Click to download

File Size   288.45 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS Switched-Capacitor Voltage Converters

ADM660AR Datasheet (HTML) - Analog Devices


ADM660AR Product details

GENERAL DESCRIPTION

The ADM660/ADM8660 is a charge-pump voltage converter that can be used to either invert the input supply voltage giving VOUT = –VIN or double it (ADM660 only) giving VOUT = 2 VIN.

Input voltages ranging from +1.5 V to +7 V can be inverted into a negative –1.5 V to –7 V output supply. This inverting scheme is ideal for generating a negative rail in single power supply systems.



FEATURES

ADM660: Inverts or Doubles Input Supply Voltage

ADM8660: Inverts Input Supply Voltage

100 mA Output Current

Shutdown Function (ADM8660)

2.2 F or 10 F Capacitors

0.3 V Drop at 30 mA Load

+1.5 V to +7 V Supply

Low Power CMOS: 600 A Quiescent Current

Selectable Charge Pump Frequency (25 kHz/120 kHz)

Pin Compatible Upgrade for MAX660, MAX665, ICL7660

Available in 16-Lead TSSOP Package



APPLICATIONS

Handheld Instruments

Portable Computers

Remote Data Acquisition

Op Amp Power Supplies




Similar Part No. - ADM660AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM660AR AD-ADM660AR Datasheet
111Kb / 8P
CMOS Switched-Capacitor Voltage Converters
REV.A
ADM660AR AD-ADM660AR Datasheet
288Kb / 12P
CMOS Switched-Capacitor Voltage Converters
REV. B
ADM660ARU AD-ADM660ARU Datasheet
111Kb / 8P
CMOS Switched-Capacitor Voltage Converters
REV.A
ADM660ARU AD-ADM660ARU Datasheet
288Kb / 12P
CMOS Switched-Capacitor Voltage Converters
REV. B
ADM660ARUZ AD-ADM660ARUZ Datasheet
179Kb / 11P
CMOS Switched-Capacitor Voltage Converters
REV. C
More results


Similar Description - ADM660AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM660 AD-ADM660 Datasheet
111Kb / 8P
CMOS Switched-Capacitor Voltage Converters
REV.A
logo
Maxim Integrated Produc...
MAX1044 MAXIM-MAX1044 Datasheet
116Kb / 12P
Switched-Capacitor Voltage Converters
19-4667; Rev 1; 7/94
logo
Microchip Technology
TCM828 MICROCHIP-TCM828_10 Datasheet
378Kb / 26P
Switched Capacitor Voltage Converters
2010
logo
Analog Devices
ADM660,8660 AD-ADM660,8660_02 Datasheet
179Kb / 11P
CMOS Switched-Capacitor Voltage Converters
REV. C
logo
Microchip Technology
TCM829ECT713 MICROCHIP-TCM829ECT713 Datasheet
378Kb / 26P
Switched Capacitor Voltage Converters
07/15/10
TCM828ECT713 MICROCHIP-TCM828ECT713 Datasheet
71Kb / 9P
Switched Capacitor Voltage Converters
5/22/00
logo
Analog Devices
ADM660 AD-ADM660 Datasheet
288Kb / 12P
CMOS Switched-Capacitor Voltage Converters
REV. B
ADM660 AD-ADM660_15 Datasheet
179Kb / 11P
CMOS Switched-Capacitor Voltage Converters
REV. C
ADM8660 AD-ADM8660_15 Datasheet
179Kb / 11P
CMOS Switched-Capacitor Voltage Converters
REV. C
logo
Maxim Integrated Produc...
MAX1044 MAXIM-MAX1044_V01 Datasheet
1Mb / 14P
Switched-Capacitor Voltage Converters
2019
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com