Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8244ARMZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD8244ARMZ
Description  Single-Supply, Low Power, Precision FET Input Quad Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8244ARMZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8244ARMZ Datasheet HTML 7Page - Analog Devices AD8244ARMZ Datasheet HTML 8Page - Analog Devices AD8244ARMZ Datasheet HTML 9Page - Analog Devices AD8244ARMZ Datasheet HTML 10Page - Analog Devices AD8244ARMZ Datasheet HTML 11Page - Analog Devices AD8244ARMZ Datasheet HTML 12Page - Analog Devices AD8244ARMZ Datasheet HTML 13Page - Analog Devices AD8244ARMZ Datasheet HTML 14Page - Analog Devices AD8244ARMZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
AD8244
–5
–4
–3
–2
–1
0
1
2
3
4
5
100
1k
10k
100k
1M
LOAD RESIST
ANCE (Ω)
–40°C
+25°C
+85°C
Figure 22. Output Voltage Swing vs. Load Resistance
10µ
100µ
1m
10m
OUTPUT CURRENT (A)
+VS
–0.2
–0.4
–0.6
–0.8
+0.2
+0.4
+0.6
+0.8
–VS
–40°C
+25°C
+85°C
Figure 23. Output Voltage Swing vs. Output Current
–2
0
2
4
6
8
10
–15
–10
–5
0
5
10
15
INPUT VOLTAGE (V)
VS = ±15V
VS = ±5V
Figure 24. Input Bias Current vs. Input Voltage
–25
–20
–15
–10
–5
0
5
10
15
20
25
–
10
–
8
–
6
–
4
–
2
0
2
4
6
8
10
OUTPUT VOLTAGE (V)
RL = 100kΩ
RL = 10kΩ
REPRESENTATIVE SAMPLE
VS = ±15V
Figure 25. Nonlinearity, VS = ±15 V
–100
–80
–60
–40
–20
0
20
40
60
80
100
3
2
1
0
–1
–2
–3
OUTPUT VOLTAGE (V)
RL = 100kΩ
RL = 10kΩ
REPRESENTATIVE SAMPLE
VS = ±5V
Figure 26. Nonlinearity, VS = ±5 V
1
10
100
1k
0.1
1
10
100
1k
10k
FREQUENCY (Hz)
Figure 27. Voltage Noise Spectral Density vs. Frequency
Rev. 0 | Page 11 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com