Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8244ARMZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD8244ARMZ
Description  Single-Supply, Low Power, Precision FET Input Quad Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8244ARMZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8244ARMZ Datasheet HTML 11Page - Analog Devices AD8244ARMZ Datasheet HTML 12Page - Analog Devices AD8244ARMZ Datasheet HTML 13Page - Analog Devices AD8244ARMZ Datasheet HTML 14Page - Analog Devices AD8244ARMZ Datasheet HTML 15Page - Analog Devices AD8244ARMZ Datasheet HTML 16Page - Analog Devices AD8244ARMZ Datasheet HTML 17Page - Analog Devices AD8244ARMZ Datasheet HTML 18Page - Analog Devices AD8244ARMZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet
AD8244
INPUT PROTECTION
All terminals of the AD8244 are protected against ESD. In
addition, the input structure allows for dc overload conditions
up to a diode drop above the positive supply and a diode drop
below the negative supply. Voltages more than a diode drop beyond
the supplies cause the ESD diodes to conduct and enable current
to flow through the diode. Therefore, use an external resistor in
series with each of the inputs to limit current for voltages beyond
the supplies. In either scenario, the AD8244 input safely handles
a continuous 6 mA current at room temperature.
For applications where the AD8244 encounters extreme overload
voltages, as in cardiac defibrillators, use external series resistors
and low leakage diode clamps, such as FJH1100 or BAV199L.
LAYOUT CONSIDERATIONS
The inputs of the AD8244 buffers are extremely high impedance.
Shunt impedances from leakage resistance and parasitic
capacitance in the printed circuit board (PCB) layout can severely
degrade the performance of the JFET input. If a buffer output is
used to surround the corresponding input node, leakage
resistance and parasitic capacitance from the layout can be kept
extremely low. Remove solder mask from the guard traces to
guard against surface leakage due to contamination. In addition to
the guard traces on the primary side, route a guard trace around
any vias in the input net on the other side of the board as well.
Keep the parasitic capacitance seen by the output small to
maintain the optimum step response. Amplifiers used in the same
signal path, such as buffering the voltage for two inputs of an in-
amp or difference amplifier, must have matched impedance in
the input traces. This includes matched length and symmetrical
traces. Place any input resistors close to the AD8244 inputs to
avoid interaction with trace parasitics. If one of the channels is
not in use, connect the input to a voltage that is within its linear
range to avoid overdrive conditions that can interfere with other
channels. Leave the output unconnected. Place decoupling
capacitors, such as 0.1 µF, near the AD8244. Larger capacitors,
such as 10 µF, can be used farther away from the device.
DIFFERENTIAL SIGNAL CHAINS
The AD8244 can be used to buffer the inputs of difference
amplifiers and instrumentation amplifiers to take advantage of
qualities of the JFET input. In applications such as these, which
use two channels of the AD8244 to buffer the positive and negative
of a differential signal path, it is the mismatch between the
channels, rather than the absolute error, that introduces error
into the system. The AD8244 is designed so that the channels
closely match and can be used in differential circuits with
excellent results. Channel-to-channel matching errors are
specified to aid in the design process. When driving the inputs
of an instrumentation amplifier, difference amplifier, or other
differential input circuit, the gain matching from channel to
channel defines the common-mode rejection ratio (CMRR)
error introduced to the system by the AD8244. The unit
conversion is as follows:
CMRR (dB) = 20 × log10(100/Gain Matching (%))
The JFET pinch-off voltage can vary from channel to channel
and cause additional mismatch when the JFET begins to saturate
near the positive rail. The CMRR error is minimized by keeping
the input voltage away from the positive input range limit. Because
the input impedance is very high, the CMRR achieved in
differential systems stays high, even with large or mismatched
source resistance. See the Typical Performance Characteristics
section for more information.
LOW OUTPUT IMPEDANCE vs. FREQUENCY
The closed-loop output impedance of the AD8244 increases at
higher frequencies when the loop gain is reduced, as shown in
Figure 12. The AD8244 drives 200 pF directly with slight
ringing, as shown in Figure 35. By placing a small resistor in
series with the output, the capacitive load drive of the AD8244
can be increased. For applications that need the AD8244 input
performance and very low output impedance over frequency,
such as driving a cable shield, a switching load, or a large
amount of capacitance at high frequencies, an op amp can be
added in a configuration, such as the one in Figure 41. This
configuration takes advantage of the op amp output impedance
at low frequencies, and the load capacitor reduces the output
impedance at high frequencies. Typically, RO × CL is approximately
equal to RF × CF.
1/4
AD8244
A1
VOUT
CF
RF
VIN
RO
CL
RS
Figure 41. Adding an Op Amp for Low Output Impedance
Rev. 0 | Page 15 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com