Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP151ACPZ-1.5-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP151ACPZ-1.5-R7
Description  Ultralow Noise, 200 mA, CMOS Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151ACPZ-1.5-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP151ACPZ-1.5-R7 Datasheet HTML 4Page - Analog Devices ADP151ACPZ-1.5-R7 Datasheet HTML 5Page - Analog Devices ADP151ACPZ-1.5-R7 Datasheet HTML 6Page - Analog Devices ADP151ACPZ-1.5-R7 Datasheet HTML 7Page - Analog Devices ADP151ACPZ-1.5-R7 Datasheet HTML 8Page - Analog Devices ADP151ACPZ-1.5-R7 Datasheet HTML 9Page - Analog Devices ADP151ACPZ-1.5-R7 Datasheet HTML 10Page - Analog Devices ADP151ACPZ-1.5-R7 Datasheet HTML 11Page - Analog Devices ADP151ACPZ-1.5-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADP151
Data Sheet
Rev. E | Page 8 of 24
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
–50
–25
125
100
75
50
25
0
TEMPERATURE (°C)
VIN = 3.6V
VIN = 3.8V
VIN = 4.2V
VIN = 4.4V
VIN = 4.8V
VIN = 5.5V
Figure 13. Shutdown Current vs. Temperature at Various Input Voltages
120
100
80
60
40
20
0
1
10
100
1000
ILOAD (mA)
Figure 14. Dropout Voltage vs. Load Current
3.40
3.00
3.05
3.10
3.15
3.20
3.25
3.30
3.35
3.10
3.15
3.20
3.25
3.30
3.35
3.40
3.45
3.50
3.55
VIN (V)
IOUT = 1mA
IOUT = 5mA
IOUT = 10mA
IOUT = 50mA
IOUT = 100mA
IOUT = 200mA
Figure 15. Output Voltage vs. Input Voltage (in Dropout)
800
700
600
500
400
300
200
100
0
3.10
3.55
3.50
3.45
3.40
3.35
3.30
3.25
3.20
3.15
VIN (V)
IOUT = 1mA
IOUT = 5mA
IOUT = 10mA
IOUT = 50mA
IOUT = 100mA
IOUT = 200mA
Figure 16. Ground Current vs. Input Voltage (in Dropout)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
200mA
100mA
10mA
1mA
100µA
Figure 17. Power Supply Rejection Ratio vs. Frequency, VOUT = 1.2 V, VIN = 2.2 V
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
200mA
100mA
10mA
1mA
100µA
Figure 18. Power Supply Rejection Ratio vs. Frequency, VOUT = 2.8 V, VIN = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com