Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP151ACPZ-1.5-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP151ACPZ-1.5-R7
Description  Ultralow Noise, 200 mA, CMOS Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151ACPZ-1.5-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP151ACPZ-1.5-R7 Datasheet HTML 10Page - Analog Devices ADP151ACPZ-1.5-R7 Datasheet HTML 11Page - Analog Devices ADP151ACPZ-1.5-R7 Datasheet HTML 12Page - Analog Devices ADP151ACPZ-1.5-R7 Datasheet HTML 13Page - Analog Devices ADP151ACPZ-1.5-R7 Datasheet HTML 14Page - Analog Devices ADP151ACPZ-1.5-R7 Datasheet HTML 15Page - Analog Devices ADP151ACPZ-1.5-R7 Datasheet HTML 16Page - Analog Devices ADP151ACPZ-1.5-R7 Datasheet HTML 17Page - Analog Devices ADP151ACPZ-1.5-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADP151
Data Sheet
Rev. E | Page 14 of 24
Figure 34 through Figure 38 show the typical performance of the
4 V LDO circuit.
The noise performance of the 4 V LDO circuit is only about 1 μV
worse than the same LDO used at 3.3 V because the output noise of
the circuit is almost solely determined by the LDO and not the
external components. The small difference may be attributed to the
internally generated noise in the LDO ground current working with
R2. By keeping R2 small, this noise contribution can be minimized.
The PSRR of the 4 V circuit is as much as 10 dB poorer than the
3.3 V LDO with 500 mV of headroom because the ground current
of the LDO varies slightly with input voltage. This, in turn,
modulates VOFFSET and reduces the PSRR of the regulator. By
increasing the headroom to 1 V, the PSRR performance is
nearly restored to the performance of the fixed output LDO.
4.04
4.03
4.02
4.01
4.00
3.99
3.98
3.97
3.96
–40
–5
25
85
125
JUNCTION TEMPERATURE (°C)
LOAD = 10mA
LOAD = 20mA
LOAD = 50mA
LOAD = 100mA
LOAD = 150mA
LOAD = 200mA
Figure 34. 4 V LDO Circuit, Typical Load Regulation over Temperature
VIN (V)
LOAD = 10mA
LOAD = 20mA
LOAD = 50mA
LOAD = 100mA
LOAD = 150mA
LOAD = 200mA
4.040
4.035
4.030
4.025
4.020
4.015
4.010
4.005
4.000
4.4
5.2
5.4
4.8
4.6
5.0
Figure 35. 4 V LDO Circuit, Typical Line Regulation over Load Current
11
10
9
8
1
100
1k
10
LOAD CURRENT (mA)
Figure 36. 4 V LDO Circuit, Typical RMS Output Noise, 10 Hz to 100 kHz
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
200mA
100mA
50mA
10mA
Figure 37. 4 V LDO Circuit, Typical PSRR vs. Load Current, 1 V Headroom
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
200mA
100mA
50mA
10mA
Figure 38. 4 V LDO Circuit, Typical PSRR vs. Load Current, 500 mV Headroom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com