Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8512FS Datasheet(PDF) 1 Page - Analog Devices

Part # DAC8512FS
Description  5 V, Serial Input Complete 12-Bit DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8512FS Datasheet(HTML) 1 Page - Analog Devices

  DAC8512FS Datasheet HTML 1Page - Analog Devices DAC8512FS Datasheet HTML 2Page - Analog Devices DAC8512FS Datasheet HTML 3Page - Analog Devices DAC8512FS Datasheet HTML 4Page - Analog Devices DAC8512FS Datasheet HTML 5Page - Analog Devices DAC8512FS Datasheet HTML 6Page - Analog Devices DAC8512FS Datasheet HTML 7Page - Analog Devices DAC8512FS Datasheet HTML 8Page - Analog Devices DAC8512FS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
+5 V, Serial Input
Complete 12-Bit DAC
DAC8512
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106,
U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1996
FUNCTIONAL BLOCK DIAGRAM
7
8
1
2
3
4
5
6
REF
12-BIT DAC
DAC REGISTER
VDD
VOUT
GND
SERIAL REGISTER
12
12
CLR
LD
CS
CLK
SDI
FEATURES
Space Saving SO-8 or Mini-DIP Packages
Complete, Voltage Output with Internal Reference
1 mV/Bit with 4.095 V Full Scale
Single +5 Volt Operation
No External Components
3-Wire Serial Data Interface, 20 MHz Data Loading Rate
Low Power: 2.5 mW
APPLICATIONS
Portable Instrumentation
Digitally Controlled Calibration
Servo Controls
Process Control Equipment
PC Peripherals
GENERAL DESCRIPTION
The DAC8512 is a complete serial input, 12-bit, voltage output
digital-to-analog converter designed to operate from a single
+5 V supply. It contains the DAC, input shift register and
latches, reference and a rail-to-rail output amplifier. Built using
a CBCMOS process, these monolithic DACs offer the user low
cost, and ease of use in +5 V only systems.
Coding for the DAC8512 is natural binary with the MSB loaded
first. The output op amp can swing to either rail and is set to a
range of 0 V to +4.095 V—for a one-millivolt-per-bit resolution.
It is capable of sinking and sourcing 5 mA. An on-chip reference
is laser trimmed to provide an accurate full-scale output voltage
of 4.095 V.
Serial interface is high speed, three-wire, DSP compatible with
data in (SDI), clock (CLK) and load strobe (LD). There is also
a chip-select pin for connecting multiple DACs.
A CLR input sets the output to zero scale at power on or upon
user demand.
The DAC8512 is specified over the extended industrial (–40
°C
to +85
°C) temperature range. DAC8512s are available in plas-
tic DIPs and SO-8 surface mount packages.
1.0
–1.0
4096
–0.5
–0.75
0
0
–0.25
0.25
0.5
0.75
3072
2048
1024
DIGITAL INPUT CODE – Decimal
Linearity Error vs. Digital Input Code


Similar Part No. - DAC8512FS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8512FS AD-DAC8512FS Datasheet
757Kb / 20P
% V, Serial Input Complete 12-Bit DAC
REV.A
DAC8512FS AD-DAC8512FS Datasheet
760Kb / 20P
5 V, Serial Input Complete 12-Bit DAC
REV. A
DAC8512FSZ AD-DAC8512FSZ Datasheet
760Kb / 20P
5 V, Serial Input Complete 12-Bit DAC
REV. A
More results

Similar Description - DAC8512FS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8300 AD-AD8300 Datasheet
245Kb / 8P
3 Volt, Serial Input Complete 12-Bit DAC
REV.A
AD8303 AD-AD8303 Datasheet
414Kb / 16P
3 V, Dual, Serial Input Complete 12-Bit DAC
REV.0
DAC8512 AD-DAC8512 Datasheet
757Kb / 20P
% V, Serial Input Complete 12-Bit DAC
REV.A
DAC8562 AD-DAC8562 Datasheet
636Kb / 16P
5 Volt, Parallel Input Complete 12-Bit DAC
REV.A
DAC8512FSZ AD-DAC8512FSZ Datasheet
760Kb / 20P
5 V, Serial Input Complete 12-Bit DAC
REV. A
AD8303ARZ AD-AD8303ARZ Datasheet
335Kb / 16P
3 V, Dual, Serial Input Complete 12-Bit DAC
REV. 0
DAC8562FSZ AD-DAC8562FSZ Datasheet
639Kb / 16P
5 Volt, Parallel Input Complete 12-Bit DAC
REV. A
AD8300 AD-AD8300_15 Datasheet
244Kb / 8P
3 Volt, Serial Input Complete 12-Bit DAC
REV. A
AD8303 AD-AD8303_15 Datasheet
847Kb / 16P
3 V, Dual, Serial Input Complete 12-Bit DAC
REV. 0
DAC8512 AD-DAC8512_15 Datasheet
760Kb / 20P
5 V, Serial Input Complete 12-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com