Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-COM422-PLUS1 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # USB-COM422-PLUS1
Description  Future Technology Devices International Ltd
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

USB-COM422-PLUS1 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button USB-COM422-PLUS1 Datasheet HTML 9Page - List of Unclassifed Manufacturers USB-COM422-PLUS1 Datasheet HTML 10Page - List of Unclassifed Manufacturers USB-COM422-PLUS1 Datasheet HTML 11Page - List of Unclassifed Manufacturers USB-COM422-PLUS1 Datasheet HTML 12Page - List of Unclassifed Manufacturers USB-COM422-PLUS1 Datasheet HTML 13Page - List of Unclassifed Manufacturers USB-COM422-PLUS1 Datasheet HTML 14Page - List of Unclassifed Manufacturers USB-COM422-PLUS1 Datasheet HTML 15Page - List of Unclassifed Manufacturers USB-COM422-PLUS1 Datasheet HTML 16Page - List of Unclassifed Manufacturers USB-COM422-PLUS1 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Copyright © 2010 Future Technology Devices International Limited
12
Document Reference No.: FT_000131
USB-COM422-PLUS1 Datasheet
Version 1.1
Clearance No.: FTDI# 94
4 Electrical details
4.1 USB
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
USB_VCC
Input Power Voltage*
4.25
5.0*
5.25
V
*Present when USB
cable is attached and
USB Host or Hub
powered.
Icc
USB current
30
50
mA
Table 4.1 USB Electrical Details
4.2 RS422
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Receiver Input
VCM
Common-mode input
voltage range
-7
+12
V
IN
Input Current
1.0
mA
VIN = +12V
-0.8
VIN = -7V
VTH
Differential Threshold
Voltage
-0.2
+0.2
V
VIHYST
Input Hysteresis
20
mV
RIN
Input Resistance, RIN
12
15
k
Ω
Transmitter Output
VOD
Differential Output
Voltage,
1.5
5
V
With RL = 54
Ω.
CL = 50pF *
ESD Tolerance
ESD HBM
RS-422 Inputs and
Outputs
±15
kV
EN61000-4-2
Contact Discharge
RS-422 Inputs and
Outputs
±8
kV
EN61000-4-2 Air
Gap Discharge
RS-422 Inputs and
Outputs
±15
kV
Table 4.2 RS422 Electrical Details
* - The 54 ohms is the equivalent of two 120 ohm termination resistors placed on each side of the
transmission line and the input impedance of 32 receivers on the line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com