Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-COM422-PLUS1 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # USB-COM422-PLUS1
Description  Future Technology Devices International Ltd
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

USB-COM422-PLUS1 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  USB-COM422-PLUS1 Datasheet HTML 1Page - List of Unclassifed Manufacturers USB-COM422-PLUS1 Datasheet HTML 2Page - List of Unclassifed Manufacturers USB-COM422-PLUS1 Datasheet HTML 3Page - List of Unclassifed Manufacturers USB-COM422-PLUS1 Datasheet HTML 4Page - List of Unclassifed Manufacturers USB-COM422-PLUS1 Datasheet HTML 5Page - List of Unclassifed Manufacturers USB-COM422-PLUS1 Datasheet HTML 6Page - List of Unclassifed Manufacturers USB-COM422-PLUS1 Datasheet HTML 7Page - List of Unclassifed Manufacturers USB-COM422-PLUS1 Datasheet HTML 8Page - List of Unclassifed Manufacturers USB-COM422-PLUS1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Copyright © 2010 Future Technology Devices International Limited
3
Document Reference No.: FT_000131
USB-COM422-PLUS1 Datasheet
Version 1.1
Clearance No.: FTDI# 94
1.4 Features
Adds one RS-422 serial port by connecting to USB
Easy plug & play installation and RS-422 device connection
Works with USB 1.1 & 2.0 Host and Hub ports
Industry Standard FTDI chip set & device drivers for maximum compatibility
Microsoft Windows® WHQL-certified, Mac OS X, Linux and Windows CE device drivers
Installs as a standard Windows COM port
COM port number can be changed to any available COM port number, to support HyperTerminal,
or any other serial communications software application running in Windows
Supports Windows Server 2008, 2003, Vista, XP 2000
FIFO: 128 byte transmit buffer, 256 byte receive buffer
RS-422 data signals: TxD+, TxD-, RxD+, RxD-, RTS+, RTS-, CTS+, CTS-, GND
Powered by USB port. No external power adapter required.
Serial port speed up to 3Mbps
Serial Communication Parameters
o
Parity: None, Even, Odd
o
Data bits: 7, 8
o
Flow control: RTS/CTS , X-ON/X-OFF, None
One DE-9P male connector
LEDs indicate USB Enumeration, RxD, TxD for monitoring port status & easy diagnostics
Operating temperature of -40°C to +85°C
1.5 Performance Figures
Parameter
Performance
USB Interface
12Mbps USB 2.0 Full-Speed
RS422 Interface
Standard baud rates (300bps to 921.6Kbps)
Custom baud rates (300bps to 3Mbps) through baud rate aliasing. See
FTDI Application Note: Configuring FT232R, FT2232 and FT232BM Baud
Rates
Max Cable Length
USB=5m, RS422=12m
Table 1.2 Performance Figures
Part Number
Description
USB-COM422-Plus1
USB-COM-Plus Full-Speed USB to 1-Port RS422 module
Table 1.3 Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com