Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBCRJS44B Datasheet(PDF) 4 Page - Dubilier

Part # DBCRJS44B
Description  NETWORKING SOCKETS LOW PROFILE SIDE ENTRY PCB JACK
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCRJS44B Datasheet(HTML) 4 Page - Dubilier

  DBCRJS44B Datasheet HTML 1Page - Dubilier DBCRJS44B Datasheet HTML 2Page - Dubilier DBCRJS44B Datasheet HTML 3Page - Dubilier DBCRJS44B Datasheet HTML 4Page - Dubilier DBCRJS44B Datasheet HTML 5Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
354
ORDERING INFORMATION
PC Board Layout 8x8
2.54
1.27
.050
.100
ø0.80
ø0.031
ø.126
ø3.20
7.62
.300
6.35 .250
.150
3.81
PC Board Layout 4x2, 4x4
2.54
11.43
8.89
.100
ø3.20
ø0.031
ø0.80
ø.126
.350
6.35
1.27
.450
.250
.050
2.54
10.16
6.35
.100
ø3.20
ø0.031
ø0.80
ø.126
.250
6.35
1.27
.400
.250
.050
B
D
C
A
18.00
.708
7.85
.309
3.46
.136
11.68 .460
3.50 .138
NETWORKING SOCKETS
MODULAR SOCKET - MINI LOW PROFILE
SPECIFICATION
OUTLINE DRAWING
Material
Housing:
PBT Polyester, UL94V-O; UL94V-2
Standard colour grey
Contacts:
.0177(.45mm) diameter
Pros - bronze plated with hard gold
Cavity confirms to FCC Rules and
Regulations Part 68, subpart F
DBC
RJ45
S
88
B
Dubilier
Connectors
Series
RJ
RJ
RJ11
RJ12
RJ45
Contact Type
S=Socket
Nº of Ways x Nº of
Loaded Contacts
4x2
4x4
6x4
6x6
8x8
Style
B=Mini Low
profile Skt
Very competitively priced
Mini low profile
Industry standard footprint
4, 6 and 8 way side entry
UL approved
PC Board Layout 8x8
2.54
1.27
.050
.100
ø0.80
ø0.031
ø.126
ø3.20
7.62
.300
6.35 .250
.150
3.81
PC Board Layout 4x2, 4x4
2.54
11.43
8.89
.100
ø3.20
ø0.031
ø0.80
ø.126
.350
6.35
1.27
.450
.250
.050
2.54
10.16
6.35
.100
ø3.20
ø0.031
ø0.80
ø.126
.250
6.35
1.27
.400
.250
.050
B
D
C
A
18.00
.708
7.85
.309
3.46
.136
11.68 .460
3.50 .138
Circuits Loaded Contacts Dimensions
A
B
C
D
4
2
7.62 (.300)
11.18 (.440) 2.60 (.102) 1.27 (.050)
4
4
7.62 (.300)
11.18 (.440) 2.60 (.102) 1.27 (.050)
6
4
10.16 (.400)
13.20 (.520) 2.60 (.102) 1.27 (.050)
6
6
10.16 (.400)
13.20 (.520) 2.60 (.102) 1.27 (.050)
8
8
11.43 (.450)
15.24 (.600) 2.60 (.102) 1.27 (.050)
PC Board Layout 8x8
PC Board Layout 6x4, 6x6
PC Board Layout 4x2, 4x4
RJ45
RJ
RJII+12
www.dubilier.co.uk



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com