Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBCRJS44B Datasheet(PDF) 2 Page - Dubilier

Part # DBCRJS44B
Description  NETWORKING SOCKETS LOW PROFILE SIDE ENTRY PCB JACK
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCRJS44B Datasheet(HTML) 2 Page - Dubilier

  DBCRJS44B Datasheet HTML 1Page - Dubilier DBCRJS44B Datasheet HTML 2Page - Dubilier DBCRJS44B Datasheet HTML 3Page - Dubilier DBCRJS44B Datasheet HTML 4Page - Dubilier DBCRJS44B Datasheet HTML 5Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
352
NETWORKING SOCKETS
LOW PROFILE SIDE ENTRY PCB JACK (A)
ORDERING INFORMATION
4 - 8 way
Board Solderable
Competitively priced
SPECIFICATION
OUTLINE DRAWING
Current Rating
3A
Contact Resistance
30mΩ max at DC 100mA
Dielectric withstanding Voltage
AC 500V for 1 minute
Insulation Resistance
1000mΩ min at DC 500V
Plating
Selective gold plating over Nickel Tin plate on solder foils
Housing
UL94V0 Standard
Colour
Black
Contact
0.35mm Phosphor Bronze
Operating Temperature
-55˚C to +105˚C
DBC
RJ
S
88
Dubilier
Connectors
Series
Contact Type
S = Socket
Style
E = Low Profile
Side Entry PCB
Jack
E
No. of Ways x
No. of loaded
contacts
4 x 4
6 x 6
8 x 8
18.03
2.54
8.89
A
7.87
PCB Hole Pattern
C
2-ø3.25
8-ø0.89
7-ø1.27
B
No of
Dimensions
Positions
A
B
C
4
11.18
7.62
3.81
6
13.21
10.16
6.35
8
15.24
11.43
8.89
www.dubilier.co.uk



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com